Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments TMP63 Datasheet HTML 10Page - Texas Instruments TMP63 Datasheet HTML 11Page - Texas Instruments TMP63 Datasheet HTML 12Page - Texas Instruments TMP63 Datasheet HTML 13Page - Texas Instruments TMP63 Datasheet HTML 14Page - Texas Instruments TMP63 Datasheet HTML 15Page - Texas Instruments TMP63 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TMP63
BIAS
BIAS
TMP63
n
n
TMP63
BIAS
BIAS
TMP63
R
V
R
R
R
ADC Code
2
2
V
R
R
§
·
§
·
u
¨
¸
¨
¸
§
·
©
¹
¨
¸ u
u
¨
¸
¨
¸
©
¹
¨
¸
¨
¸
©
¹
n
TEMP
V
ADC Code
2
FSR
§
·
u
¨
¸
©
¹
TMP63
TEMP
BIAS
BIAS
TMP63
R
V
V
R
R
§
·
u ¨
¸
©
¹
R
Bias
V
Bias
R
TMP63
C
Filter
R
Filter
IN
IN
REF
GND
ADC
12
TMP63
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
(yielding the highest accuracy and voltage gain). It is common to use a voltage divider with thermistors because
of its simple implementation and lower cost. The TMP63 has a linear positive temperature coefficient (PTC) of
resistance such that the voltage measured across it increases linearly with temperature. As such, the need for a
linearization circuits is no longer a requirement, and a simple current source or a voltage divider circuit can be
used to generate the temperature voltage.
This output voltage can be interpreted using a comparator against a voltage reference to trigger a temperature
trip point that is either tied directly to an ADC to monitor temperature across a wider range or used as feedback
input for an active feedback control circuit.
The voltage across the device, as described in Equation 2, can be translated to temperature using either a
lookup table method (LUT) or a fitting polynomial, V(T). The Thermistor Design Tool must be used to translate
Vtemp to Temperature. The temperature voltage must first be digitized using an ADC. The necessary resolution
of this ADC is dependent on the biasing method used. Additionally, for best accuracy, tie the bias voltage (VBIAS)
to the reference voltage of the ADC to create a measurement where the difference in tolerance between the bias
voltage and the reference voltage cancels out. The application can also include a low-pass filter to reject system
level noise. In this case, place the filter as close to the ADC input as possible.
9.2.1.2 Detailed Design Procedure
The resistive circuit divider method produces an output voltage (VTEMP) scaled according to the bias voltage
(VBIAS). When VBIAS is also used as the reference voltage of the ADC, any fluctuations or tolerance error due to
the voltage supply are canceled and do not affect the temperature accuracy (as shown in Figure 15). Equation 2
describes the output voltage (VTEMP) based on the variable resistance of the TMP63 (RTMP63) and bias resistor
(RBIAS). The ADC code that corresponds to that output voltage, ADC full-scale range, and ADC resolution is
given in Equation 3.
Figure 15. Voltage Divider With an ADC
(2)
where
•
FSR is the full-scale range of the ADC, which is the voltage at REF to GND (VREF)
•
n is the resolution of the ADC
(3)
Equation 4 shows whenever VREF = VBIAS, VBIAS cancels out.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com