Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 11Page - Texas Instruments TMP63 Datasheet HTML 12Page - Texas Instruments TMP63 Datasheet HTML 13Page - Texas Instruments TMP63 Datasheet HTML 14Page - Texas Instruments TMP63 Datasheet HTML 15Page - Texas Instruments TMP63 Datasheet HTML 16Page - Texas Instruments TMP63 Datasheet HTML 17Page - Texas Instruments TMP63 Datasheet HTML 18Page - Texas Instruments TMP63 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Temperature (qC)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
D014
OUT
TEMP
R EF
V
G
V
1
G
V
u
u
FB
1
R
G
R
TMP63
TEMP
BIAS
BIAS
TMP63
R
V
V
R
R
§
·
u ¨
¸
©
¹
RBias
200 k
5 V
RTMP63
R2
200 k
VOut
R1
10 k
R3
200 k
VTemp
RFB
300 k
VRef
15
TMP63
www.ti.com
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
Figure 19. Thermal Foldback Using Voltage Divider and a Rail-to-Rail Op Amp
The op amp remains high as long as the voltage output is below VREF. When the temperature goes above 110°C,
the output falls to the 0-V rail of the op amp. The rate at which the foldback occurs depends on the feedback
network, RFB and R1, which varies the gain of the op amp, G, as shown in Equation 6. The foldback behavior
controls the voltage and temperature sensitivity of the circuit. The device feeds this voltage output into a LED
driver circuit that adjusts output current accordingly. VOUT is the final output voltage used for thermal foldback
and is calculated in Equation 7. Figure 20 describes the output voltage curve in this example which sets the knee
point at 110°C.
(5)
(6)
(7)
Figure 20. Thermal Foldback Voltage Output Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com