Electronic Components Datasheet Search
  English  ▼

X  

SP8603 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP8603
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8603 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP8603 Datasheet HTML 3Page - Sipex Corporation SP8603 Datasheet HTML 4Page - Sipex Corporation SP8603 Datasheet HTML 5Page - Sipex Corporation SP8603 Datasheet HTML 6Page - Sipex Corporation SP8603 Datasheet HTML 7Page - Sipex Corporation SP8603 Datasheet HTML 8Page - Sipex Corporation SP8603 Datasheet HTML 9Page - Sipex Corporation SP8603 Datasheet HTML 10Page - Sipex Corporation SP8603 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
89
Figure 7. Conversion Start Timing
R/C
BUSY
Data
BUS
CS or
HBE
Data Valid
Hi-Z State
tS
tH
tW
tDBC
tHDR and tHL
ORDERING INFORMATION
0
°C to +70°C
Model
Throughput
Package
SP8603KN .................................................................... 333kHz ............................................................................................... 28–pin, 0.3" Plastic DIP
SP8603KS .................................................................... 333kHz ........................................................................................................ 28–pin, 0.3" SOIC
SP8605KN .................................................................... 200kHz ............................................................................................... 28–pin, 0.3" Plastic DIP
SP8605KS .................................................................... 200kHz ........................................................................................................ 28–pin, 0.3" SOIC
SP8610KN .................................................................... 100kHz ............................................................................................... 28–pin, 0.3" Plastic DIP
SP8610KS .................................................................... 100kHz ........................................................................................................ 28–pin, 0.3" SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com