Electronic Components Datasheet Search
  English  ▼

X  

SP8603 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8603
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8603 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8603 Datasheet HTML 2Page - Sipex Corporation SP8603 Datasheet HTML 3Page - Sipex Corporation SP8603 Datasheet HTML 4Page - Sipex Corporation SP8603 Datasheet HTML 5Page - Sipex Corporation SP8603 Datasheet HTML 6Page - Sipex Corporation SP8603 Datasheet HTML 7Page - Sipex Corporation SP8603 Datasheet HTML 8Page - Sipex Corporation SP8603 Datasheet HTML 9Page - Sipex Corporation SP8603 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
84
CS
R/C
HBE
BUSY
OPERATION
1
X
X
1
None – outputs in Hi-Z state.
01
0
0
1
Holds signal and initiates conversion.
0101
Output three-state buffers enabled once
conversion has finished.
0111
Enable hi-byte in 8-bit bus mode.
01
0
1
1
Inhibit start of conversion.
0011
None – outputs in Hi-Z state.
X
X
X
0
Conversion in progress. Outputs Hi-Z
state. New conversion inhibited until
present conversion has finished.
Table 1. Control Line Functions
control lines are shown in Table 1.
For stand-alone operation, control of the SP86XX
Series is accomplished by a single control line
connected to R/C. In this mode, CS and HBE are
connected to GND. The output data are presented
as 12-bit words. The stand-alone mode is used in
systems containing dedicated input ports which do
not require full bus interface capability.
ConversionisinitiatedbyaHIGH-to-LOWtransition
onR/C.Thethree-statedataoutputbuffersareenabled
when R/C is HIGH and BUSY is HIGH. Thus, there
are two possible modes of operation: conversion can
be initiated with either positive or negative pulses. In
either case, the R/C pulse must remain LOW a
minimum of 40ns.
Figure 5 illustrates timing when conversion is initi-
ated by an R/C pulse which goes LOW and returns
HIGH during the conversion. In this case (Convert
Mode),thethree-stateoutputsgointotheHi-Zstatein
responsetothefallingedgeofR/C,andareenabledfor
external access to the data after completion of the
conversion.
Figure 6 illustrates the timing when conversion is
initiated by a positive R/C pulse. In this mode (Read
Mode), the output data from the previous conversion
is enabled during the HIGH portion of R/C. A new
conversion starts on the falling edge of R/C, and the
three-stateoutputsreturntotheHi-Zstateuntilthenext
occurrence of a HIGH on R/C.
Conversion Start
A conversion is initiated on the SP86XX Series only
by a negative transition occurring on R/C, as shown
in Table 2. No other combination of states or transi-
tionswillinitiateaconversion.Conversionisinhibited
if either CS or HBE are HIGH, or if BUSY is LOW.
CS and HBE should be stable a minimum of 25ns
priortothetransitiononR/C.Timingrelationshipsfor
start of conversion are illustrated in Figure 7.
The BUSY output indicates the current state of the
converter by being LOW only during conversion.
During this time the three-state output buffers remain
in a Hi-Z state, and therefore data cannot be read
during conversion. During this period, additional
transitions on the three digital inputs (CS, R/C and
HBE) will be ignored, so that conversion cannot be
prematurely terminated or restarted.
Internal Clock
The SP86XX Series has an internal clock that is
factory trimmed to achieve the typical conversion
times given in the specifications, and a maximum
conversion time over the full operating tempera-
ture range of 2.7
µs, 4.7µs or 9.7µs, depending on
the model. No external adjustments are required,
and with the guaranteed maximum acquisition
time of 300ns, throughput performance is assured
with convert pulses as close as 3
µsfortheSP8603.
Reading Data
Afterconversionisinitiated,theoutputbuffersremain
in a Hi-Z state until the following three logic condi-
tions are simultaneously met: R/C is HIGH, BUSY is
HIGH and CS is LOW. Upon satisfying these condi-
tions, the data lines are enabled according to the state
of HBE. See Figure 7 for timing relationships and
specifications.
CALIBRATION...
Optional External Gain And Offset Trim
Offset and full-scale errors may be trimmed to zero
using external offset and full-scale trim potenti-
ometersconnectedtothe SP86XXSeries asshown
in Figure 3.
If adjustment of offset and full scale is not required,
2
3
+10V
Input
SP8603/05/10
2
3
+5V
Input
SP8603/05/10
Figure 2. a) 10V Range b) 5V Range — Without Trims



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com