Electronic Components Datasheet Search
  English  ▼

X  

SP8603 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8603
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8603 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8603 Datasheet HTML 1Page - Sipex Corporation SP8603 Datasheet HTML 2Page - Sipex Corporation SP8603 Datasheet HTML 3Page - Sipex Corporation SP8603 Datasheet HTML 4Page - Sipex Corporation SP8603 Datasheet HTML 5Page - Sipex Corporation SP8603 Datasheet HTML 6Page - Sipex Corporation SP8603 Datasheet HTML 7Page - Sipex Corporation SP8603 Datasheet HTML 8Page - Sipex Corporation SP8603 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
81
SPECIFICATIONS
(T
A = 25°C; Sampling Frequency, FS, = 333kHz for SP8603, 200kHz for SP8605, 100kHz for SP8610, VS = +5V, unless otherwise specified.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
AC PERFORMANCE
T
MIN ≤ TA ≤ TMAX
SP8605
Signal to Noise Ratio (SNR)
Note 2
@ 49kHz
72
dB
@ 97kHz
72
dB
Signal to (Noise + Distortion) Ratio
Note 2
@ 49kHz
71
dB
@ 97kHz
70
dB
SP8610
Conversion Time
9.5
µs
Complete Cycle
10.0
µs
Throughput Rate
100
kHz
Spurious-Free Dynamic Range
85
dB
@ 49kHz; Note 2
Total Harmonic Distortion
–81
dB
@ 49kHz; Note 2
Signal to Noise Ratio (SNR)
72
dB
@ 49kHz; Note 2
Signal to (Noise + Distortion) Ratio
71
dB
@ 49kHz; Note 2
SAMPLING DYNAMICS
Aperture Delay
13
ns
Aperture Jitter
150
ps, rms
Transient Response
Note 3
–K
150
ns
Overvoltage Recovery
150
ns
Note 4
DIGITAL INPUTS
Logic Levels
V
IL
–0.3
+0.8
V
V
IH
+2.4
+5.3
V
I
IL
±0.1
±50
µA
I
IH
±5
µA
DIGITAL OUTPUTS
Resolution
12
Bits
Data Format
Parallel; 12-bit or 8-bit/4-bit
Data Coding
Binary
V
OL
0.0
+0.4
V
I
SINK = 1.6mA
V
OH
+2.4
V
DD
VI
SOURCE = 1.6mA
I
LEAKAGE (High-Z State)
±0.1
±5
µA
POWER SUPPLY REQUIREMENTS
Rated Voltage
+4.75
+5.0
+5.25
V
V
S (VSA and VSD)
Current
18
21
mA
I
S
Power Consumption
90
mW
ENVIRONMENTAL AND MECHANICAL
Specification
–K
0
+70
°C
Storage
–65
+150
°C
Package
–KN
28–pin Narrow DIP
–KS
28–pin SOIC
NOTES
1.
LSB means Least Significant Bit. For SP86xx Series, 1LSB = 1.22mV for 5V range, 1 LSB =
2.44mV for 10V range.
2.
All specifications in dB are referred to a full-scale input, either 10V or 5V.
3.
For full-scale step input, 12-bit accuracy attained in specified time.
4.
Recovers to specified performance in specified time after 2 x F
S input overvoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com