Electronic Components Datasheet Search
  English  ▼

X  

54HC74 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 54HC74
Description  Dual D-Type Flip-Flop with Set and Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC74 Datasheet(HTML) 4 Page - Motorola, Inc

  54HC74 Datasheet HTML 1Page - Motorola, Inc 54HC74 Datasheet HTML 2Page - Motorola, Inc 54HC74 Datasheet HTML 3Page - Motorola, Inc 54HC74 Datasheet HTML 4Page - Motorola, Inc 54HC74 Datasheet HTML 5Page - Motorola, Inc 54HC74 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC74
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
50%
50% VCC
50% VCC
50%
VCC
VCC
GND
GND
SD or RD
Q or Q
Q or Q
CP
tPLH
tPHL
50%
D
CP
VCC
VCC
GND
Figure 3.
VALID
GND
tsu
th
trec
tw
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4.
1/fmax
CP
Q or Q
VCC
GND
50%
50% VCC
tPLH
tPHL
tw
50%
Figure 5. Input Equivalent Circuit
INPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com