Electronic Components Datasheet Search
  English  ▼

X  

54HC74 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 54HC74
Description  Dual D-Type Flip-Flop with Set and Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC74 Datasheet(HTML) 1 Page - Motorola, Inc

  54HC74 Datasheet HTML 1Page - Motorola, Inc 54HC74 Datasheet HTML 2Page - Motorola, Inc 54HC74 Datasheet HTML 3Page - Motorola, Inc 54HC74 Datasheet HTML 4Page - Motorola, Inc 54HC74 Datasheet HTML 5Page - Motorola, Inc 54HC74 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1997
6/97
Dual D-Type Flip-Flop
with Set and Reset
The MC74VHC74 is an advanced high speed CMOS D–type flip–flop
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while maintaining
CMOS low power dissipation.
The signal level applied to the D input is transferred to Q output during the
positive going transition of the Clock pulse.
Reset (RD) and Set (SD) are independent of the Clock (CP) and are
accomplished by setting the appropriate input Low.
The internal circuit is composed of three stages, including a buffer output
which provides high noise immunity and stable output. The inputs tolerate
voltages up to 7V, allowing the interface of 5V systems to 3V systems.
• High Speed: fmax = 170MHz (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 128 FETs or 32 Equivalent Gates
LOGIC DIAGRAM
RD1
D1
CP1
SD1
RD2
D2
CP2
SD2
1
2
3
4
13
12
11
10
5
6
9
8
Q1
Q1
Q2
Q2
FUNCTION TABLE
Inputs
Outputs
SD
RD
CP
D
Q
Q
LH
X
X
HL
HL
X
X
LH
L
L
X
X
H*
H*
HH
H
H
L
HH
L
L
H
H
H
L
X
No Change
H
H
H
X
No Change
H
H
X
No Change
* Both outputs will remain high as long as Set and Reset are low, but the output
states are unpredictable if Set and Reset go high simultaneously.
MC74VHC74
PIN ASSIGNMENT
SD1
CP1
D1
RD1
11
12
13
14
8
9
10
5
4
3
2
1
7
6
SD2
CP2
D2
RD2
VCC
Q2
Q2
GND
Q1
Q1
D SUFFIX
14–LEAD SOIC PACKAGE
CASE 751A–03
DT SUFFIX
14–LEAD TSSOP PACKAGE
CASE 948G–01
ORDERING INFORMATION
MC74VHCXXD
MC74VHCXXDT
MC74VHCXXM
SOIC
TSSOP
SOIC EIAJ
M SUFFIX
14–LEAD SOIC EIAJ PACKAGE
CASE 965–01


Similar Part No. - 54HC74

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC74 SS-54HC74 Datasheet
468Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74 Datasheet
467Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74 Datasheet
791Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74 Datasheet
705Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
54HC74 SS-54HC74_V01 Datasheet
791Kb / 6P
High Speed CMOS Logic
More results

Similar Description - 54HC74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
147Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
Dual D-type flip-flop with set and reset
1996 Jul 01
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
Dual D Flip-Flop with Set and Reset
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
MC74VHCT74A ONSEMI-MC74VHCT74A_09 Datasheet
156Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com