Electronic Components Datasheet Search
  English  ▼

X  

54HC74 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 54HC74
Description  Dual D-Type Flip-Flop with Set and Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC74 Datasheet(HTML) 2 Page - Motorola, Inc

  54HC74 Datasheet HTML 1Page - Motorola, Inc 54HC74 Datasheet HTML 2Page - Motorola, Inc 54HC74 Datasheet HTML 3Page - Motorola, Inc 54HC74 Datasheet HTML 4Page - Motorola, Inc 54HC74 Datasheet HTML 5Page - Motorola, Inc 54HC74 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC74
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely
affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC = 3.3V ±0.3V
VCC =5.0V ±0.5V
0
0
100
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
2.0
3.0 to
5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
VIL
Maximum Low–Level
Input Voltage
2.0
3.0 to
5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
VOH
Minimum High–Level
Output Voltage
Vin = VIH or VIL
IOH = – 50µA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = – 4mA
IOH = – 8mA
3.0
4.5
2.58
3.94
2.48
3.80
VOL
Maximum Low–Level
Output Voltage
Vin = VIH or VIL
IOL = 50µA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com