Electronic Components Datasheet Search
  English  ▼

X  

VT8371 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT8371
Description  KX133 ATHLON NORTH BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8371 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT8371 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VT8371
Preliminary Revision 1.02, January 7, 2000
-1-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
VIA VT8371
KX133 AMD ATHLON™ NORTH BRIDGE
Single-Chip North Bridge
for Slot-A Based Athlon CPUs
with 200 MHz Front Side Bus
for Desktop PC Systems
with AGP 4x and PCI
plus Advanced ECC Memory Controller
supporting PC133 / PC100 SDRAM and VCM
• High Performance and High Integration Athlon AGP 4x / PC133 Chipset with Advanced System
Power Management
− KX133 Chipset: VT8371 system controller and VT82C686A PCI to ISA bridge
− Single chip Athlon system controller with 64-bit Slot-A / Athlon CPU, 64-bit system memory, 32-bit PCI and 32-bit
AGP interfaces
− PCI-to-ISA bridge chip includes UltraDMA-33/66 EIDE, 4 USB Ports, Integrated Super-I/O, AC97 / MC97 link (for
Audio and Modem support), Hardware Monitoring, Power Management, and Keyboard / PS2-Mouse Interfaces plus
RTC / CMOS on chip
− Supports separately powered 3.3V (5V tolerant) interface to system memory, AGP, and PCI bus
− Modular power management and clock control for advanced system power management
• High Performance Athlon CPU Interface
− Supports Slot-A (AMD Athlon) processors
− HSTL-like 1.5V high-speed transceiver logic signal levels
− Support independent address, data, and snoop interfaces
− 100 MHz DDR (Double Data Rate) transfer on Athlon CPU address and data buses
− Built-in PLL (Phase Lock Loop) circuitry for optimal skew control within and between clocking regions
− Four-entry command queue to accommodate maximum CPU throughput
− Four-entry probe queue to stores probes from the system to the processor
− Twenty four-entry processor system data and control queue to store system data control commands in two separate
read and write buffers for data movement in and out of processor interface
− Supports WC (Write Combining) cycles
− Sleep mode support
− System management interrupt, memory remap and STPCLK mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com