Electronic Components Datasheet Search
  English  ▼

X  

VT8371 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT8371
Description  KX133 ATHLON NORTH BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8371 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT8371 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8371 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
VT8371
Preliminary Revision 1.02, January 7, 2000
-2-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• Full Featured Accelerated Graphics Port (AGP) Controller
− Synchronous and pseudo-synchronous with the host CPU bus with optimal skew control
PCI
AGP
CPU
Mode
33 MHz
66 MHz
100 MHz DDR
3x synchronous
− AGP v2.0 compliant
− Supports SideBand Addressing (SBA) mode (non-multiplexed address / data)
− Supports 66 MHz 1x, 2x and 4x modes for AD and SBA signaling
− Pipelined split-transaction long-burst transfers up to 1GB/sec
− Thirty-two level read request queue
− Four level posted-write request queue
− Thirty-two level (quadwords) read data FIFO (256 bytes)
− Sixteen level (quadwords) write data FIFO (128 bytes)
− Intelligent request reordering for maximum AGP bus utilization
− Supports Flush/Fence commands
− Graphics Address Relocation Table (GART)
− One level TLB structure
− Sixteen entry fully associative page table
− LRU replacement scheme
− Windows 95 OSR-2 VXD and integrated Windows 98 / Windows 2000 miniport driver support
• Concurrent PCI Bus Controller
− PCI buses are synchronous / pseudo-synchronous to host CPU bus
− 33 MHz operation on the primary PCI bus
− 66 MHz PCI operation on the AGP bus
− PCI-to-PCI bridge configuration on the 66MHz PCI bus
− Supports up to five PCI masters
− Peer concurrency
− Concurrent multiple PCI master transactions; i.e., allow PCI masters from both PCI buses active at the same time
− Zero wait state PCI master and slave burst transfer rate
− PCI to system memory data streaming up to 132Mbyte/sec
− Two lines (32 double-words) of CPU to PCI posted write buffers
− Byte merging in the write buffers to reduce the number of PCI cycles and to create further PCI bursting possibilities
− Enhanced PCI command optimization (MRL, MRM, MWI, etc.)
− Thirty-two levels (double-words) of post write buffers from PCI masters to DRAM
(two cache lines / 16 double-words for PCI bus, two cache lines / 16 double-words for Athlon processor interface)
− Sixteen levels (double-words) of prefetch buffers from DRAM for access by PCI masters
− Delay transaction from PCI master accessing DRAM
− Read caching for PCI master reading DRAM
− Transaction timer for fair arbitration between PCI masters (granularity of two PCI clocks)
− Symmetric arbitration between Host/PCI bus for optimized system performance
− Complete steerable PCI interrupts
− PCI-2.2 compliant, 32 bit 3.3V PCI interface with 5V tolerant inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com