Electronic Components Datasheet Search
  English  ▼

X  

AP138 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP138
Description  300mA Low-Noise CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP138 Datasheet(HTML) 6 Page - Anachip Corp

  AP138 Datasheet HTML 1Page - Anachip Corp AP138 Datasheet HTML 2Page - Anachip Corp AP138 Datasheet HTML 3Page - Anachip Corp AP138 Datasheet HTML 4Page - Anachip Corp AP138 Datasheet HTML 5Page - Anachip Corp AP138 Datasheet HTML 6Page - Anachip Corp AP138 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP138
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Oct 29, 2004
6/7
Function Description
The AP138 of CMOS regulators contain a PMOS
pass transistor, voltage reference, error amplifier,
over-current protection, thermal shutdown.
The P-channel pass transistor receives data from
the error amplifier, over-current protection, and
thermal protection circuits. During normal operation,
the error amplifier compares the output voltage to a
precision reference. Over-current and thermal
shutdown circuits become active when the junction
temperature exceeds 150
oC, or the current exceeds
300mA. During thermal shutdown, the output
voltage remains low. Normal operation is restored
when the junction temperature drops below 120
oC.
The AP138 switches from voltage mode to current
mode when the load exceeds the rated output
current. This prevents over-stress.
Enable
The enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shut off, and
all internal circuits are powered down. In this state,
the quiescent current is less than 2µA. This pin
behaves much like an electronic switch.
External Capacitor
The AP138 is stable with a low ESR output
capacitor to ground of 1.0µF or greater. It can keep
stable even with higher ESR capacitors. A second
capacitor is recommended between the input and
ground to stabilize VIN. The input capacitor should
be larger than 0.1µF to have a beneficial effect. All
capacitors should be placed in close proximity to
the pins. A “quiet” ground termination is desirable.
Marking Information
X : Identification code
(See Appendix)
Y : Year: 0-9
W : Week: A~Z: 01~26
a~z : 27~52
. : 53
SOT23-5L
3 8 X Y W
12
3
4
5
Appendix
Identification
Code
Output version
D
AP138-1.8V
K
AP138-2.5V
N
AP138-2.8V
P
AP138-3.0V
S
AP138-3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com