Electronic Components Datasheet Search
  English  ▼

X  

AP138 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP138
Description  300mA Low-Noise CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP138 Datasheet(HTML) 1 Page - Anachip Corp

  AP138 Datasheet HTML 1Page - Anachip Corp AP138 Datasheet HTML 2Page - Anachip Corp AP138 Datasheet HTML 3Page - Anachip Corp AP138 Datasheet HTML 4Page - Anachip Corp AP138 Datasheet HTML 5Page - Anachip Corp AP138 Datasheet HTML 6Page - Anachip Corp AP138 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP138
300mA Low-Noise CMOS LDO
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Oct 29, 2004
1/7
Features
- Very low dropout voltage
- Low current consumption: Typ.30µA, Max. 35µA
- Output voltage: 1.8V, 2.5V, 2.8V, 3.0V and 3.3V
- High accuracy output voltage:
±1.5%
- Guaranteed 300mA output
- Input range up to 7.0V
- Thermal shutdown
- Current limiting
- Stability with low ESR capacitors
- Factory pre-set output voltages
- Low temperature coefficient
- Pb-free package: SOT23-5L
Applications
- Battery-powered devices
- Personal communication devices
- Home electric/electronic appliances
- PC peripherals
General Descriptions
The AP138 is a positive voltage linear regulator
utilizing CMOS technology. The features that
include low quiescent current (30µA typ.), low
dropout voltage, and high output voltage accuracy,
make it ideal for battery applications. EN input
connected to CMOS has low bias current. The
space-saving SOT23-5L package is attractive for
“Pocket” and “Hand Held” applications.
This rugged device has both thermal shutdown, and
current limit protections to prevent device failure
under the “Worst” operating conditions.
In a low noise, regulated supply application, a
1000pF capacitor is necessary to be placed in
between Bypass and Ground.
The AP138 is stable with a low ESR output
capacitor of 1.0µF or greater.
Pin Assignments
1
3
2
5
4
BYP
V
IN
EN
GND
V
OUT
AP138
SOT23-5
(Top View)
Pin Descriptions
Pin
Name
Pin
No.
Function
VIN
1
Power Supply
GND
2
Ground
EN
3
Enable Pin
BYP
4
Bypass Signal Pin
VOUT
5
Output
Ordering Information
AP138 XX X X
W : SOT23-5L
Output voltage
Package
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
Blank: Tube
A: Taping
Packing


Similar Part No. - AP138

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
1W Per Channel Stereo Class-D Audio Power Amplifier
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results

Similar Description - AP138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
300mA Low-Noise CMOS LDO
Rev.1.1 Jun 02, 2006
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
300mA Low Noise CMOS LDO Regulator
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
300mA Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com