Electronic Components Datasheet Search
  English  ▼

X  

AP138 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP138
Description  300mA Low-Noise CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP138 Datasheet(HTML) 3 Page - Anachip Corp

  AP138 Datasheet HTML 1Page - Anachip Corp AP138 Datasheet HTML 2Page - Anachip Corp AP138 Datasheet HTML 3Page - Anachip Corp AP138 Datasheet HTML 4Page - Anachip Corp AP138 Datasheet HTML 5Page - Anachip Corp AP138 Datasheet HTML 6Page - Anachip Corp AP138 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP138
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Oct 29, 2004
3/7
Electrical Characteristics
(TA=+25ºC, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
Note 1
-
7
V
VOUT
Output Voltage Accuracy IO=1mA to 300mA
-1.5
-
1.5
%
1.2V<VO(NOM)
≤ 2.0V
-
-
1300
2.0V<VO(NOM)
≤ 2.5V
-
-
800
VDROPOUT Dropout Voltage
IO=1mA to 300mA,
VOUT=VO(NOM)-1.5%
2.5V<VO(NOM)
-
-
300
mV
IOUT
Output Current
VOUT > 1.2V
300
-
-
mA
ILIMIT
Current Limit
VOUT > 1.2V
300
450
-
mA
IQ
Quiescent Current
IO=0mA
-
30
35
µA
IGND
Ground Pin Current
IO=1mA to 300mA
-
30
50
µA
REGLINE Line Regulation
IOUT=5mA, VIN=VOUT+1 to VOUT+2
-0.1
0.02
0.1
%
REGLOAD Load Regulation
IO=1mA to 300mA
-
0.2
1
%
OTS
Over Temperature
Shutdown
-
150
-
oC
OTH
Over Temperature
Hysteresis
-
30
-
oC
TC
VOUT Temperature
Coefficient
-
40
-
ppm/
oC
f=1KHz
-
60
-
f=10KHz
-
50
-
PSRR
Power Supply Rejection
IO=100mA,
CO=2.2µF ceramic
f=100KHz
-
40
-
dB
f=1KHz
-
75
-
f=10KHz
-
55
-
PSRR
Power Supply Rejection
IO=100mA,
CO=2.2µF ceramic,
CBYP=0.01µF
f=100KHz
-
30
-
dB
CO=2.2uF
-
30
-
eN
Output Voltage Noise
f=10Hz to 100kHz,
IO=10mA, CBYP=0µF
CO=100uF
-
20
-
µVrms
CO=2.2uF
-
30
-
eN
Output Voltage Noise
f=10Hz to 100kHz,
IO=10mA, CBYP=0.01µF CO=100uF
-
20
-
µVrms
ISD
Shutdown Supply
Current
VIN=5.0V, VOUT=0V, VEN < VEL
-
2.0
3.0
µA
IEH
VEN=VIN, VIN=2.6V to 7V
-
-
0.1
µA
IEL
EN Input Bias Current
VEN=0V, VIN=2.6V to 7V
-
2.0
3.0
µA
VEH
VIN=2.6V to 7V
2
-
VIN
V
VEL
EN Input Threshold
VIN=2.6V to 7V
0
-
0.4
V
Note 1. : VIN(MIN)=VOUT+VDROPOUT
Typical Application
AP138
BYP
EN
V
OUT
GND
V
IN
C1
1uF
C2
1nF
C3
1uF
IN
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com