Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7934 Datasheet HTML 7Page - Analog Devices AD7934 Datasheet HTML 8Page - Analog Devices AD7934 Datasheet HTML 9Page - Analog Devices AD7934 Datasheet HTML 10Page - Analog Devices AD7934 Datasheet HTML 11Page - Analog Devices AD7934 Datasheet HTML 12Page - Analog Devices AD7934 Datasheet HTML 13Page - Analog Devices AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB
above the last code transition.
Negative Gain Error Match
This is the difference in negative gain error between any two
channels.
Channel-to-Channel Isolation
It is a measure of the level of crosstalk between channels. It is
measured by applying a full-scale sine wave signal to the three
nonselected input channels and applying a 50 kHz signal to the
selected channel. The channel-to-channel isolation is defined as
the ratio of the power of the 50 kHz signal on the selected
channel to the power of the noise signal that appears in the FFT
of this channel.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . .000) to
(00 . . . 001) from the ideal, i.e., AGND + 1 LSB
Power Supply Rejection Ratio (PSRR)
It is defined as the ratio of the power in the ADC output at full-
scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the ADC VDD supply of frequency fS. The frequency
of the input varies from 1 kHz to 1 MHz.
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 . . .110) to
(111 . . . 111) from the ideal (i.e., VREF – 1 LSB) after the offset
error has been adjusted out.
PSRR (dB) = 10log(Pf/PfS)
Pf is the power at frequency f in the ADC output; PfS is the
power at frequency fS in the ADC output.
Gain Error Match
This is the difference in gain error between any two channels.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode and the
end of conversion. The track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier to
reach its final value, within ±1/2 LSB, after the end of
conversion.
Zero-Code Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREFIN point. It is the deviation of the
midscale transition (all 0s to all 1s) from the ideal VIN voltage,
i.e., VREF.
Signal-to-(Noise + Distortion) Ratio (SINAD)
This is the measured ratio of signal-to-(noise + distortion) at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the
digitization process; the more levels, the smaller the
quantization noise. The theoretical signal-to-(noise +
distortion) ratio for an ideal N-bit converter with a sine wave
input is given by
Zero-Code Error Match
This is the difference in zero-code error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREFIN point. It is the deviation of the last
code transition (011. . .110) to (011 .. . 111) from the ideal (i.e.,
+VREF – 1 LSB) after the zero-code error has been adjusted out.
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Positive Gain Error Match
This is the difference in positive gain error between any two
channels.
Thus, for a 12-bit converter, this is 74 dB, and for a 10-bit
converter, this is 62 dB.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range with −VREF to
+VREF biased about the VREF point. It is the deviation of the first
code transition (100 . . . 000) to (100 . . . 001) from the ideal (i.e.,
−VREFIN + 1 LSB) after the zero-code error has been adjusted
out.
Rev. PrG | Page 11 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com