Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices AD7934 Datasheet HTML 16Page - Analog Devices AD7934 Datasheet HTML 17Page - Analog Devices AD7934 Datasheet HTML 18Page - Analog Devices AD7934 Datasheet HTML 19Page - Analog Devices AD7934 Datasheet HTML 20Page - Analog Devices AD7934 Datasheet HTML 21Page - Analog Devices AD7934 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
CIRCUIT INFORMATION
The AD7933/AD7934 are fast, 4-channel, 12-bit and10-bit,
single-supply, successive approximation analog-to-digital
converters. The parts operate from either a 2.7 V to 3.6 V or
4.75 V to 5.25 V power supply and feature throughput rates up
to 1.5 MSPS.
When the ADC starts a conversion (Figure 19), SW3 will open
and SW1 and SW2 will move to Position B, causing the
comparator to become unbalanced. Both inputs are
disconnected once the conversion begins. The control logic and
charge redistribution DACs are used to add and subtract fixed
amounts of charge from the sampling capacitor arrays to bring
the comparator back into a balanced condition. When the
comparator is rebalanced, the conversion is complete. The
control logic generates the ADC’s output code. The output
impedances of the sources driving the VIN+ and the VIN− pins
must be matched; otherwise, the two inputs will have different
settling times, resulting in errors.
The AD7933/AD7934 provide the user with an on-chip track-
and-hold, an internal accurate reference, an analog-to-digital
converter, and a parallel interface housed in a 28-lead TSSOP
package.
The AD7933/AD7934 have four analog input channels that can
be configured to be four single-ended inputs, two fully
differential pairs, or two pseudo-differential pairs. There is an
on-chip channel sequencer that allows the user to select a
consecutive sequence of channels through which the ADC can
cycle with each falling edge of CONVST.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
The analog input range for the AD7933/AD7934 is 0 to VREF or
0 to 2 × VREF, depending on the status of the RANGE bit in the
control register. The output coding of the ADC can be either
binary or twos complement, depending on the status of the
CODING bit in the control register.
Figure 19. ADC Conversion Phase
ADC TRANSFER FUNCTION
The AD7933/AD7934 provide flexible power management
options to allow users to achieve the best power performance
for a given throughput rate. These options are selected by
programming the power management bits, PM1 and PM0, in
the control register.
The output coding for the AD7933/AD7934 is either straight
binary or twos complement, depending on the status of the
CODING bit in the control register. The designed code
transitions occur at successive LSB values (i.e., 1 LSB, 2 LSBs,
and so on) and the LSB size is VREF/1024 for the AD7933 and
VREF/4096 for the AD7934. The ideal transfer characteristics of
the AD7933/AD7934 for both straight binary and twos
complement output coding are shown in Figure 20 and Figure 21,
respectively.
CONVERTER OPERATION
The AD7933/AD7934 are a successive approximation ADC
based on two capacitive DACs. Figure 18 and Figure 19 show
simplified schematics of the ADC in acquisition and conversion
phase, respectively. The ADC comprises of control logic, a SAR,
and two capacitive DACs. Both figures show the operation of
the ADC in differential/pseudo-differential mode. Single-ended
mode operation is similar but VIN− is internally tied to AGND.
In the acquisition phase, SW3 is closed, SW1 and SW2 are in
Position A, the comparator is held in a balanced condition, and
the sampling capacitor arrays acquire the differential signal on
the input.
000...000
111...111
1 LSB = VREF/4096 (AD7934)
1 LSB = VREF/1024 (AD7933)
1 LSB
+VREF–1 LSB
ANALOG INPUT
0V
NOTE: VREF IS EITHER VREF OR 2 × VREF
000...001
000...010
111...110
111...000
011...111
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 20. AD7933/AD7934 Ideal Transfer Characteristic
with Straight Binary Output Coding
Figure 18. ADC Acquisition Phase
Rev. PrG | Page 18 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com