Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7934 Datasheet HTML 12Page - Analog Devices AD7934 Datasheet HTML 13Page - Analog Devices AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices AD7934 Datasheet HTML 16Page - Analog Devices AD7934 Datasheet HTML 17Page - Analog Devices AD7934 Datasheet HTML 18Page - Analog Devices AD7934 Datasheet HTML 19Page - Analog Devices AD7934 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7933/AD7934
Preliminary Technical Data
CONTROL REGISTER
The control register on the AD7933/AD7934 is a 12-bit, write-only register. Data is written to this register using the CS and WR pins. The
control register is shown below and the functions of the bits are described in
. At power-up, the default bit settings in the control
register are all 0s.
Table 7
Table 7. Control Register Bit Function Description
Table 6. Control Register Bits
MSB
LSB
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PM1
PM0
CODING
REF
ZERO
ADD1
ADD0
MODE1
MODE0
SEQ1
SEQ0
RANGE
Bit No.
Mnemonic
Description
11, 10
PM1, PM0
Power Management Bits. These two bits are used to select the power mode of operation. The user can choose
between either normal mode or various power-down modes of operation as shown in
.
9
CODING
This bit selects the output coding of the conversion result. If this bit is set to 0, the output coding is straight
(natural) binary. If this bit is set to 1, the output coding is twos complement.
8
REF
This bit selects whether the internal or an external reference is used to perform the conversion. If this bit is Logic 0,
an external reference should be applied to the VREF pin, and if it is Logic 1, the internal reference is selected (see
the Reference Section).
7
ZERO
This bit is not used so it should always be set to Logic 0.
6, 5
ADD1,
ADD0
These two address bits are used to either select which analog input channel is to be converted in the next
conversion, if the sequencer is not being used, or to select the final channel in a consecutive sequence when the
sequencer is being used as described in
. The selected input channel is decoded as shown in
.
4, 3
MODE1,
MODE0
The two mode pins select the type of analog input on the four VIN pins. The AD7933/AD7934 have either four
single-ended inputs, two fully differential inputs, or two pseudo-differential inputs (see
).
2
SEQ1
The SEQ1 bit in the control register is used in conjunction with the SEQ0 bit to control the sequencer function (see
).
1
SEQ0
The SEQ0 bit in the control register is used in conjunction with the SEQ1 bit to control the sequencer function (see
).
0
RANGE
This bit selects the analog input range of the AD7933/AD7934. If it is set to 0, the analog input range extends from
0 V to VREF. If it is set to 1, the analog input range extends from 0 V to 2 × VREF. When this range is selected, AVDD
must be 4.75 V to 5.25 V.
Table 8
Table 8. Power Mode Selection using the Power Management Bits in the Control Register
Table 10
Table 10
Table 10
Table 9
Table 9
PM1
PM0
Mode
Description
0
0
Normal
Mode
When operating in normal mode, all circuitry is fully powered up at all times.
0
1
Auto
Shutdown
When operating in auto shutdown mode, the AD7933/AD7934 will enter full shutdown mode at the end of
each conversion. In this mode, all circuitry is powered down.
1
0
Auto
Standby
When the AD7933/AD7934 enter this mode, all circuitry is partially powered down. This mode is similar to
the auto shutdown mode but it allows the part to power up in 1 µs.
1
1
Full
Shutdown
When the AD7933/AD7934 enters this mode, all circuitry is powered down. The information in the control
register is retained.
Rev. PrG | Page 16 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com