Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 5 Page - Texas Instruments

  DS8921 Datasheet HTML 1Page - Texas Instruments DS8921 Datasheet HTML 2Page - Texas Instruments DS8921 Datasheet HTML 3Page - Texas Instruments DS8921 Datasheet HTML 4Page - Texas Instruments DS8921 Datasheet HTML 5Page - Texas Instruments DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
results assume a linear transition between measurement points and are a result of the following equations:
Where:
DS8921, DS8921A, DS8921AT
www.ti.com
SNLS374D – MAY 1998 – REVISED JANUARY 2015
6.5 Receiver Switching Characteristics
MAX
MAX
MAX
TEST CONDITIONS
MIN
TYP
UNIT
8921
8921A
8921AT
tpLH
CL = 30 pF
14
22.5
20
20
ns
(Figure 3 and Figure 4)
tpHL
CL = 30 pF
14
22.5
20
20
ns
(Figure 3 and Figure 4)
|tpLH–t pHL|
CL = 30 pF
0.5
5
3.5
5
ns
(Figure 3 and Figure 4)
6.6 Driver Switching Characteristics: Single-Ended Characteristics
MAX
MAX
MAX
TEST CONDITIONS
MIN
TYP
UNIT
8921
8921A
8921AT
tpLH
CL = 30 pF
10
15
15
15
ns
(Figure 5 and Figure 6)
tpHL
CL = 30 pF
10
15
15
15
ns
(Figure 5 and Figure 6)
tTLH
CL = 30 pF
5
8
8
9.5
ns
(Figure 9 and Figure 10)
tTHL
CL = 30 pF
5
8
8
9.5
ns
(Figure 9 and Figure 10)
Skew
CL = 30 pF(1)
1
5
3.5
3.5
ns
(Figure 5 and Figure 6)
(1)
Difference between complementary outputs at the 50% point.
6.7 Driver Switching Characteristics: Differential Characteristics
(1)
MAX
MAX
MAX
TEST CONDITIONS
MIN
TYP
UNIT
8921
8921A
8921AT
tpLH
CL = 30 pF
10
15
15
15
ns
(Figure 5, Figure 7, and Figure 8)
tpHL
CL = 30 pF
10
15
15
15
ns
(Figure 5, Figure 7, and Figure 8)
|tpLH–t pHL|
CL = 30 pF
0.5
6
2.75
2.75
ns
(Figure 5, Figure 7, and Figure 8)
(1)
Differential Delays are defined as calculated results from single ended rise and fall time measurements. This approach in establishing
AC performance specifications has been taken due to limitations of available Automatic Test Equipment (ATE). The calculated ATE
Tcr = Crossing Point Tra, Trb, Tfa and T fb are time measurements with respect to the input. See Figure 8.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com