Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments DS8921 Datasheet HTML 10Page - Texas Instruments DS8921 Datasheet HTML 11Page - Texas Instruments DS8921 Datasheet HTML 12Page - Texas Instruments DS8921 Datasheet HTML 13Page - Texas Instruments DS8921 Datasheet HTML 14Page - Texas Instruments DS8921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Time (400 ns/DIV)
0 V
Time (400 ns/DIV)
0 V
DS8921, DS8921A, DS8921AT
www.ti.com
SNLS374D – MAY 1998 – REVISED JANUARY 2015
Typical Application (continued)
2.0 Mbps Differential Data Pattern
2.0 Mbps Single-Ended 1010 Data Pattern
Note: The input for the receiver is Figure 14
Figure 14. Receiver Differential Input Signal
Figure 15. Receiver Single-Ended Output Signal
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com