Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS8921 Datasheet HTML 2Page - Texas Instruments DS8921 Datasheet HTML 3Page - Texas Instruments DS8921 Datasheet HTML 4Page - Texas Instruments DS8921 Datasheet HTML 5Page - Texas Instruments DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments DS8921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NOTE:R1= 100 Ohms, C1 = C2 = C3 = 30 pF
R1
C1
C2
C3
D
4.4
4.6
4.8
5.0
5.2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
T(TLH)
C004
5.2
5.4
5.6
5.8
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
T(THL)
C005
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
www.ti.com
6.8 Typical Characteristics
Test Setup: Figure 5. Data Rate, Test Pattern: 2 Mbps, 1010 Pattern. T: 25°C
Figure 1. Typical Driver Output Low to High Transition Time
Figure 2. Typical Driver Output High to Low Transition Time
vs Supply Voltage
vs Supply Voltage
7 Parameter Measurement Information
7.1 AC Test Circuits and Switching Diagrams
Figure 3. Test Circuit for Receiver Output
Figure 4. Receiver Propagation Delay
Figure 5. Driver Test Circuit
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com