Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments OPA567 Datasheet HTML 12Page - Texas Instruments OPA567 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OPA567
SBOS287A
9
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
(G = +1, R
L = 10Ω)
10
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = +1, R
L = 10Ω)
20
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = +1, R
L = 1Ω)
20
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = +1, R
L = 1Ω)
20
µs/div
ENABLE
(10
Ω Load)
4
µs/div
Enable/Disable 0.8 to 2.5V
Above Negative Supply
Output Driven to +2V
ENABLE
(1
Ω Load)
10
µs/div
Enable/Disable 0.8 to 2.5V
Above Negative Supply
Output Driven to +2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com