Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA567 Datasheet HTML 9Page - Texas Instruments OPA567 Datasheet HTML 10Page - Texas Instruments OPA567 Datasheet HTML 11Page - Texas Instruments OPA567 Datasheet HTML 12Page - Texas Instruments OPA567 Datasheet HTML 13Page - Texas Instruments OPA567 Datasheet HTML 14Page - Texas Instruments OPA567 Datasheet HTML 15Page - Texas Instruments OPA567 Datasheet HTML 16Page - Texas Instruments OPA567 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OPA567
SBOS287A
13
www.ti.com
APPLICATIONS INFORMATION
BASIC CONFIGURATION
Figure 1 shows the OPA567 connected as a basic non-
inverting amplifier. However, the OPA567 can be used in
virtually any op amp configuration. A current limit setting
resistor (RSET, in Figure 1) is essential to the OPA567
operation, and cannot be omitted.
Power-supply terminals should be bypassed with low series
impedance capacitors. Using larger tantalum and smaller
ceramic type capacitors in parallel is recommended. Power-
supply wiring should have low series impedance.
POWER SUPPLIES
The OPA567 operates with excellent performance from a
single (+2.7V to +5.5V) supply or from dual supplies. Power
supply voltages do not need to be equal as long as the total
voltage remains below 5.5V. Parameters that vary signifi-
cantly with operating voltage are shown in the
Typical
Characteristics section.
ADJUSTABLE CURRENT LIMIT AND CURRENT
LIMIT FLAG PIN
The OPA567 provides over-current protection to the load
through its accurate, user-adjustable current limit (pin 6). The
current limit value, ILIMIT, can be set from 0.2A to 2.2A by
controlling the current to the ISET pin. The current limit, ILIMIT,
will be 9800 • ISET, where ISET is the current through the ISET
pin. Setting the current limit requires no special power
resistors. The output current does not flow through this pin.
Setting the current limit
As illustrated in Figure 2, the simplest method of setting the
current limit is to connect a resistor or potentiometer between
FIGURE 1. Basic Connections.
FIGURE 2. Setting the Current Limit—Resistor Method.
the ISET pin and V–, the negative supply, according to the
formula:
ILIMIT = 9800 • (1.18V/RSET)
Alternatively, the output current limit can be set by applying
a voltage source in series with a resistance using the equa-
tion:
ILIMIT = 9800 • [(1.18V – VADJUST)/RSET]
The voltage source must be referenced to V–.
V
IN
R
1
R
2
47
µF
Enable(2)
47
µF
0.1
µF
I
SET
47
µF
1, 12
2, 3
8
9
11
6
4, 5
0.1
µF
R
SET (Ω)ILIMIT (A)
23.2k
11.5k
7.68k
5.76k
0.5
1.0
1.5
2.0
R
SET
(1)
V+
NOTES: (1) R
SET sets the current
limit value from 0.2A to 2.2A.
R
SET can be a potentiometer to
easily adjust current limit and
calibrate out errors at the current
limit node. (2) Enable—pull Low
to disable output.
V
O
V–
OPA567
R
SET
V
ADJUST
(1)
(b) Resistor/Voltage Source Method
NOTE: (1) This voltage source must be able to
sink the current from the I
SET pin, which is ILIMIT/9800.
1.18V
V–
I
LIMIT = 9800 (1.18V – VADJUST)
R
SET
I
SET
I
SET
8
9
6
2, 3
2, 3
4, 5
8
9
6
4, 5
R
POT
(a) Resistor or Potentiometer Method
Putting a set resistor in series with the potentiometer
will prevent potential short-circuit on pin.
1.18V
V–
I
LIMIT = 9800 (1.18V/RSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com