Electronic Components Datasheet Search
  English  ▼

X  

OPA567 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA567
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA567 Datasheet(HTML) 2 Page - Texas Instruments

  OPA567 Datasheet HTML 1Page - Texas Instruments OPA567 Datasheet HTML 2Page - Texas Instruments OPA567 Datasheet HTML 3Page - Texas Instruments OPA567 Datasheet HTML 4Page - Texas Instruments OPA567 Datasheet HTML 5Page - Texas Instruments OPA567 Datasheet HTML 6Page - Texas Instruments OPA567 Datasheet HTML 7Page - Texas Instruments OPA567 Datasheet HTML 8Page - Texas Instruments OPA567 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA567
SBOS287A
2
www.ti.com
PIN #
NAME
DESCRIPTION
1, 12
V+
Positive Power-Supply Voltage
2, 3
VO
Output
4, 5
V–
Negative Power-Supply Voltage
6ISET
Current Limit Set Pin(1)
7IFLAG
Current Limit Flag—Indicates when part is in
current limit (active LOW).
8
–IN
Inverting Input
9
+IN
Noninverting Input
10
TFLAG
Thermal Flag—Indicates thermal stress (active
LOW).
11
ENABLE
Enabled HIGH, shut down LOW.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage ................................................................................. +7.5V
Output Current ............................................................... See SOA Curves
Signal Input Terminals (pins 8 and 9):
Voltage(2) ............................................... (V–) – 0.5V to (V+) + 0.5V
Current(2) ................................................................................
±10mA
Output Short-Circuit(3) ........ Continuous when thermal protection enabled
Enable Pin (pin 11) ........................................ (V–) – 0.5V to (V–) + 7.5V
Current Limit Set, ILIMIT Pin (pin 6) ................ (V–) – 0.5V to (V+) + 0.5V
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
ESD Rating:
Human Body Model ................................................................... 3kV
Charged Device Model .......................................................... 1500V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those specified is
not implied. (2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less. (3) Short-circuit to ground.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
V+
V
O
V
O
+IN
–IN
I
FLAG
1
2
3
9
8
7
Metal
heat sink
(located
on bottom)
Top View
QFN
PIN DESCRIPTIONS
NOTE: (1) This pin limits the output current. The limited value, ILIMIT, is
9800(ISET), where ISET is the current flowing through the ISET pin. This current
is programmed by the resistor RSET connected to V–.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com