Electronic Components Datasheet Search
  English  ▼

X  

PCM4108 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM4108
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM4108 Datasheet HTML 18Page - Texas Instruments PCM4108 Datasheet HTML 19Page - Texas Instruments PCM4108 Datasheet HTML 20Page - Texas Instruments PCM4108 Datasheet HTML 21Page - Texas Instruments PCM4108 Datasheet HTML 22Page - Texas Instruments PCM4108 Datasheet HTML 23Page - Texas Instruments PCM4108 Datasheet HTML 24Page - Texas Instruments PCM4108 Datasheet HTML 25Page - Texas Instruments PCM4108 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
22
SUBA
DGND
V
DD
PCM4108
(a) TDM Formats, Single or Dual Rate Sampling Modes.
SUBB
Ch. 1−8
LRCK
BCK
DATA0
DATA2
DSP
Decoder,
or Logic
SCKI
Clock
SUBA
DGND
PCM4108
(b) TDM Formats, Quad Rate Sampling Mode.
SUBB
Ch. 1−4
Ch. 5−8
LRCK
BCK
DATA0
DATA2
DSP
Decoder,
or Logic
SCKI
Clock
Figure 12. TDM Connection
LRCK
Normal, Zero BCK Delay
LRCK
Normal, One BCK Delay
LRCK
Inverted, Zero BCK Delay
LRCK
Inverted, One BCK Delay
Audio Data applied
to both DATA0 and DATA2
Slot 1
Slot 2
Slot 3
Slot 4
Slot 5
Slot 6
Slot 7
Slot 8
Ch.1
Ch.2
Ch.3
Ch.4
Ch.5
Ch.6
Ch.7
Ch. 8
Sub−Frame 0
(SUBA = 0)
Sub−Frame 1
(SUBB = 1)
One Frame
BCK = 192f
S or 256fS
In the case of BCK = 192f
S, each time slot is 24 bits long and contains the 24−bit audio data for the corresponding channel.
In the case of BCK = 256f
S, each time slot is 32 bits long and contains the 24−bit audio data for the corresponding channel.
The audio data is left justified in the time slot, with the least significant 8 bits of each time slot being don’tcare bits.
Audio data is always presented in two’s complement, MSB−first format.
TDM Data Formats
− Single and Dual Rate Sampling Modes
Figure 13. TDM Data Formats: Single and Dual Rate Sampling Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com