Electronic Components Datasheet Search
  English  ▼

X  

PCM4108 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM4108
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM4108 Datasheet HTML 24Page - Texas Instruments PCM4108 Datasheet HTML 25Page - Texas Instruments PCM4108 Datasheet HTML 26Page - Texas Instruments PCM4108 Datasheet HTML 27Page - Texas Instruments PCM4108 Datasheet HTML 28Page - Texas Instruments PCM4108 Datasheet HTML 29Page - Texas Instruments PCM4108 Datasheet HTML 30Page - Texas Instruments PCM4108 Datasheet HTML 31Page - Texas Instruments PCM4108 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
28
CONTROL REGISTER DEFINITIONS (SOFTWARE MODE ONLY)
The PCM4108 includes a small set of control registers, which are utilized to configure the full set of on-chip functions in
Software mode. The register maps for register Banks A and B are shown in Table 6 and Table 7, respectively. Register 0
is reserved for factory use and should not be written to for normal operation. Register 0 defaults to all zero data on power
up or reset.
Table 6. Control Register Map for Bank A
CONTROL REGISTER ADDRESS
(HEX)
MSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
BIT 0
0
0
0
0
0
0
0
0
0
1
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
2
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
3
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
4
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
5
MUT4
MUT3
MUT2
MUT1
ZDM
PHASE
DEM1
DEM0
6
RST
0
0
0
PDN34
PDN12
FS1
FS0
7
0
0
BCKE
LRCKP
0
FMT2
FMT1
FMT0
Register 1: Attenuation Control Register − Channel 1
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
This register controls the digital output attenuation for
Channel 1.
Default: AT1[7:0] = 255, or 0dB
Let N = AT1[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 2: Attenuation Control Register – Channel 2
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
This register controls the digital output attenuation for
Channel 2.
Default: AT2[7:0] = 255, or 0dB
Let N = AT2[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 3: Attenuation Control Register – Channel 3
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
This register controls the digital output attenuation for
Channel 3.
Default: AT3[7:0] = 255, or 0dB
Let N = AT3[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)
Register 4: Attenuation Control Register – Channel 4
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
This register controls the digital output attenuation for
Channel 4.
Default: AT4[7:0] = 255, or 0dB
Let N = AT4[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5 x (255 – N)
For N = 0 to 15, Attenuation (dB) = Infinite (Muted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com