Electronic Components Datasheet Search
  English  ▼

X  

PCM4108 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM4108
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM4108 Datasheet HTML 19Page - Texas Instruments PCM4108 Datasheet HTML 20Page - Texas Instruments PCM4108 Datasheet HTML 21Page - Texas Instruments PCM4108 Datasheet HTML 22Page - Texas Instruments PCM4108 Datasheet HTML 23Page - Texas Instruments PCM4108 Datasheet HTML 24Page - Texas Instruments PCM4108 Datasheet HTML 25Page - Texas Instruments PCM4108 Datasheet HTML 26Page - Texas Instruments PCM4108 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
23
Slot 1
Slot 2
Slot 3
Slot 4
Ch. 1
Ch. 2
Ch. 3
Ch. 4
In the case of BCK = 96f
S, each time slot is 24 bits long and contains the 24−bit audio data for the corresponding channel.
In the case of BCK = 128f
S, each time slot is 32 bits long and contains the 24−bit audio data for the corresponding channel.
The audio data is left justified in the time slot, with the the least significant 8 bits of each time slot being don’tcare bits.
Audio data is always presented in two’s complement, MSB−first format.
LRCK
Normal, Zero BCK Delay
LRCK
Normal, One BCK Delay
LRCK
Inverted, Zero BCK Delay
LRCK
Inverted, One BCK Delay
DATA0
DATA2
Ch. 5
Ch. 6
Ch. 7
Ch. 8
One Frame
BCK = 96f
S or 128fS
(SUBA = SUBB = 0)
TDM Data Formats
− Quad Rate Sampling Mode
Figure 14. TDM Data Formats: Quad Rate Sampling Mode
LRCK
BCK
(BCKE = 0)
t
DS
t
DH
t
LRBKD
t
LRCKP
t
BNF
t
BKBF
One Frame
BCK
(BCKE = 1)
P ARAM E T E R
DE S CRIP T IO N
M IN
M A X
UNIT S
1/f
BCK
1/f
BCK
12
10
10
12
ns
ns
ns
ns
ns
ns
t LRCKP
t LRBKD
t DS
t DH
t BNF
t BKBF
LRCK pulse width
LRCK active edge to BCK sampling edge delay
Data setup time
Data hold time
LRCK transition before new frame
BCK sampling edge to new frame delay
Audio Data
Figure 15. TDM Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com