Electronic Components Datasheet Search
  English  ▼

X  

NJM2593 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio NJM2593 Datasheet HTML 10Page - New Japan Radio NJM2593 Datasheet HTML 11Page - New Japan Radio NJM2593 Datasheet HTML 12Page - New Japan Radio NJM2593 Datasheet HTML 13Page - New Japan Radio NJM2593 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NJM2593
Ver.2004-08-25
- 10 -
APPLICATION CIRCUIT
Local Oscillator with External Crystal and LC Resonant Elements
External Local Oscillator Signal Input
FSK
OUT
CARRIER
SENSE
CHARGE
SWITCH
RSSI
OUT
V
+
CREF
V
+
DET
Tank
V
+
CDEC
20
19
18
17
16
15
14
13
12
11
BUFFER
OSC
MIXER
RSSI COMP
FILTER AMP
QUAD
DET
FSK COMP
CHARGE
1
2
3
4
5
6
7
8
9
10
V
+
+
IF AMP
RSSI
Hi
Lo
IF Filter
+
-
+
-
+
-
-
+
1st IF
NJM2593
External
Oscillator
FSK
OUT
CARRIER
SENSE
CHARGE
SWITCH
RSSI
OUT
V
+
CREF
V
+
DET
Tank
V
+
CDEC
20
19
18
17
16
15
14
13
12
11
BUFFER
OSC
MIXER
RSSI COMP
FILTER AMP
QUAD
DET
FSK COMP
CHARGE
1
2
3
4
5
6
7
8
9
10
V
+
+
IF AMP
RSSI
Hi
Lo
IF Filter
+
-
+
-
+
-
-
+
1st IF
NJM2593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com