Electronic Components Datasheet Search
  English  ▼

X  

NJM2593 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio NJM2593 Datasheet HTML 10Page - New Japan Radio NJM2593 Datasheet HTML 11Page - New Japan Radio NJM2593 Datasheet HTML 12Page - New Japan Radio NJM2593 Datasheet HTML 13Page - New Japan Radio NJM2593 Datasheet HTML 14Page - New Japan Radio NJM2593 Datasheet HTML 15Page - New Japan Radio NJM2593 Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
NJM2593
Ver.2004-08-25
- 16 -
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
RSSI Output versus Temperature-IF-
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-40
-20
0
20406080
100
Ambient Temperature Ta(°C)
Condition 1(IF input)
70dBuVEMF
60dBuVEMF
50dBuVEMF
40dBuVEMF
20dBuVEMF
30dBuVEMF
RSSI Output versus Temperature-Mixer-
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(°C)
Condition 2(Mixer input)
70dBuVEMF
60dBuVEMF
50dBuVEMF
40dBuVEMF
30dBuVEMF
20dBuVEMF
RSSI Output versus Temperature-Mixer-
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(°C)
Condition 2(Mixer input)
70dBuVEMF
60dBuVEMF
50dBuVEMF
40dBuVEMF
30dBuVEMF
20dBuVEMF
RSSI Output versus Temperature-IF-
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
406080
100
Ambient Temperature Ta(°C)
Condition 1(IF input)
70dBuVEMF
60dBuVEMF
50dBuVEMF
40dBuVEMF
30dBuVEMF
20dBuVEMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com