Electronic Components Datasheet Search
  English  ▼

X  

NJM2593 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio NJM2593 Datasheet HTML 10Page - New Japan Radio NJM2593 Datasheet HTML 11Page - New Japan Radio NJM2593 Datasheet HTML 12Page - New Japan Radio NJM2593 Datasheet HTML 13Page - New Japan Radio NJM2593 Datasheet HTML 14Page - New Japan Radio NJM2593 Datasheet HTML 15Page - New Japan Radio NJM2593 Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NJM2593
Ver.2004-08-25
- 14 -
Mixer Conversion Gain versus Frequency
0
5
10
15
20
25
30
10
100
1000
Mixer Input Frequency fmix(MHz)
Measured at Pin3,terminated with 1.8kΩ and 0.1uF
Mixer Conversion Gain versus OSC Input
0
5
10
15
20
25
30
60
70
80
90
100
110
120
Local OSC Input Level (dBuV)
Fmix=50MHz
Fmix=21MHz
Measured at Pin3,terminated with 1.8kΩ and 0.1uF
AF Output versus Frequency:S-Curve
0
200
400
600
800
1000
1200
430
440
450
460
470
IF Frequency fif(kHz)
Condition 1(IF input)
Carrier Sense Characteristics
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.4
0.8
1.2
1.6
2
RSSI Output Voltage Vrssi(V)
Condition 1(IF input),SENSE LEVEL=0.8V
IF Detuning Characterisitics
IF Detuning Characterisitics
IF Detuning Characterisitics
IF Detuning Characterisitics
-30
-25
-20
-15
-10
-5
0
5
435
440
445
450
455
460
465
IF Frequency fif(kHz)
Condition 1(IF input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com