| Electronic Components Datasheet Search |
|
XRT7250 Datasheet(PDF) 179 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 179 Page - Exar Corporation |
|
179 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 160 4.2.3 The Transmit DS3 HDLC Controller The Transmit DS3 HDLC Controller block can be used to transport either Bit-Oriented Signaling (BOS) or Message-Oriented Signaling (MOS) type messag- es or both types of messages to the remote terminal equipment. Both BOS and MOS types of HDLC mes- sage processing are discussed in detail below. 4.2.3.1 Bit-Oriented Signaling (or FEAC Mes- sage) processing via the Transmit DS3 HDLC Controller. The Transmit DS3 HDLC Controller block consists of two major blocks: • The Transmit FEAC Processor. • The LAPD Transmitter. This section describes how to operate the Transmit FEAC Processor. If the Transmit DS3 Framer is oper- ating in the C-bit Parity Framing Format then the FEAC (Far-End Alarm & Control) bit-field of the DS3 Frame can be used to transmit the FEAC messages (See Figure 42). The FEAC code word is a 6-bit val- ue which is encapsulated by 10 framing bits, forming a 16-bit FEAC message of the form: where '[d5, d4, d3, d2, d1, d0]' is the FEAC code word. The rightmost bit (e.g., a 1) of the FEAC Mes- sage, is transmitted first. Since each DS3 frame con- tains only 1 FEAC bit, 16 DS3 Frames are required to transmit the 16 bit FEAC Code Message. The XRT7250 contains the following two registers that support FEAC Message Transmission. • Tx DS3 FEAC Register (Address = 0x32) • Tx DS3 FEAC Configuration and Status Register (Address = 0x33) Operating the Transmit FEAC Processor In order to transmit a FEAC message to the remote terminal, the user must execute the following steps. FIGURE 60. BEHAVIOR OF TRANSMIT OVERHEAD DATA INPUT INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIPMENT (FOR METHOD 2) TxInClk TxOHFrame TxOHEnable TxOHIns TxOH Terminal Equipment samples “TxOHFrame” and “TxOHEnable” being “HIGH” Terminal Equipment responds by asserting TxOHIns and placing desired data on TxOH. XRT7250 samples TxOH here. TxOHEnable Pulse # 8 X bit = 0 X bit = 0 0 d5 d4 d3 d2 d1 d0 0111111 11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |