Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 181 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 181 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 177Page - Exar Corporation XRT7250 Datasheet HTML 178Page - Exar Corporation XRT7250 Datasheet HTML 179Page - Exar Corporation XRT7250 Datasheet HTML 180Page - Exar Corporation XRT7250 Datasheet HTML 181Page - Exar Corporation XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
162
all 1s in the FEAC bit-field of each DS3 Frame. The
Receive FEAC Processor (at the remote terminal
equipment) will interpret this all 1s message as an
Idle FEAC Message. The Transmit FEAC Processor
will continue sending all 1s in the FEAC bit field, for
an indefinite period of time, until the local µP/µC com-
mands it to transmit a new FEAC message.
Figure 61 presents a flow chart depicting how to use
the Transmit FEAC Processor.
For a detailed description of the Receive FEAC Pro-
cessor (within the Receive DS3 HDLC Controller
block), please see Section 3.3.3.1.
4.2.3.2
Message-Oriented Signaling (e.g.,
LAP-D) processing via the Transmit DS3 HDLC
Controller
The LAPD Transmitter (within the Transmit DS3
HDLC Controller Block) allows the user to transmit
path maintenance data link (PMDL) messages to the
remote terminal via the outbound DS3 Frames. In
this case the message bits are inserted into and car-
ried by the 3 DL bit fields of F-Frame #5 within each
DS3 M-frame. The on-chip LAPD transmitter sup-
ports both the 76 byte and 82 byte length message
formats, and the Framer IC allocates 88 bytes of on-
chip RAM (e.g., the Transmit LAPD Message buffer)
to store the message to be transmitted. The mes-
sage format complies with ITU-T Q.921 (LAP-D) pro-
tocol with different addresses and is presented below
in Figure 62.
FIGURE 61. A FLOW CHART DEPICTING HOW TO TRANSMIT A FEAC MESSAGE VIA THE FEAC TRANSMITTER
START
START
WRITE SIX-BIT “OUTBOUND” FEAC VALUE
INTO THE TxDS3 FEAC Register
This register is located at Address 0x32.
WRITE SIX-BIT “OUTBOUND” FEAC VALUE
INTO THE TxDS3 FEAC Register
This register is located at Address 0x32.
ENABLE THE TRANSMIT FEAC PROCESSOR.
This is accomplished by writing “xxxx x1xx”
into the TxDS3 FEAC Configuration & Status Register
ENABLE THE TRANSMIT FEAC PROCESSOR.
This is accomplished by writing “xxxx x1xx”
into the TxDS3 FEAC Configuration & Status Register
INITIATE TRANSMISSION OF THE “OUTBOUND”
FEAC MESSAGE.
This is accomplished by writing “xxxx xx1x” into the
TxDS3 FEAC Configuration & Status Register.
INITIATE TRANSMISSION OF THE “OUTBOUND”
FEAC MESSAGE.
This is accomplished by writing “xxxx xx1x” into the
TxDS3 FEAC Configuration & Status Register.
TRANSMIT FEAC PROCESSOR ENCAPSULATES
THE “OUTBOUND” FEAC VALUE INTO A 16 BIT
FRAMING STRUCTURE.
TRANSMIT FEAC PROCESSOR ENCAPSULATES
THE “OUTBOUND” FEAC VALUE INTO A 16 BIT
FRAMING STRUCTURE.
TRANSMIT FEAC PROCESSOR PROCEEDS TO
INSERT THE 16-BIT MESSAGE (IN A BIT-BY-BIT
MANNER) INTO THE “FEAC” BIT-FIELDS OF
EACH OUTBOUND DS3 FRAME.
TRANSMIT FEAC PROCESSOR PROCEEDS TO
INSERT THE 16-BIT MESSAGE (IN A BIT-BY-BIT
MANNER) INTO THE “FEAC” BIT-FIELDS OF
EACH OUTBOUND DS3 FRAME.
Is
Transmission
of the 16 Bit FEAC
Message
Complete
?
Is
Transmission
of the 16 Bit FEAC
Message
Complete
?
Has
the 16-bit
FEAC Message been
transmitted to the
Remote Terminal
10 times
?
Has
the 16-bit
FEAC Message been
transmitted to the
Remote Terminal
10 times
?
GENERATE THE TRANSMIT FEAC
INTERRUPT
GENERATE THE TRANSMIT FEAC
INTERRUPT
INVOKE THE “TRANSMIT FEAC INTERRUPT
SERVICE ROUTINE.
INVOKE THE “TRANSMIT FEAC INTERRUPT
SERVICE ROUTINE.
1
1
1
1
NO
YES
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com