Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 180 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 180 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 176Page - Exar Corporation XRT7250 Datasheet HTML 177Page - Exar Corporation XRT7250 Datasheet HTML 178Page - Exar Corporation XRT7250 Datasheet HTML 179Page - Exar Corporation XRT7250 Datasheet HTML 180Page - Exar Corporation XRT7250 Datasheet HTML 181Page - Exar Corporation XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
161
1. Write the 6-bit FEAC code (to be sent) into the Tx
DS3 FEAC Register.
2. Enable the Transmit FEAC Processor.
3. Initiate the Transmission of the FEAC Message.
Each of these steps will be described in detail below.
STEP 1 - Writing in the six bit FEAC Codeword (to
be sent)
In this step, the µP/µC writes the six bit FEAC code
word into the Tx DS3 FEAC Register. The bit format
of this register is presented below.
STEP 2 - Enabling the Transmit FEAC Processor
In order to enable the Transmit FEAC Processor
(within the Transmit DS3 HDLC Controller block) the
user must write a 1 into bit 2 (Tx FEAC Enable) within
the Tx DS3 FEAC Configuration and Status Register,
as depicted below.
At this point, the Transmit FEAC Processor can be
commanded to begin transmission (See STEP 3).
STEP 3 - Initiate the Transmission of the FEAC
Message
The user can initiate the transmission of the FEAC
code word (residing in the Tx DS3 FEAC register) by
writing a 1 to bit 1 (Tx FEAC Go) within the Tx DS3
FEAC Configuration and Status register, as depicted
below.
NOTE: While executing this particular write operation, the
user should write the binary value 000xx110b into the Tx
DS3 FEAC Configuration and Status Register. By doing
this the user insures that a 1 is also being written to Bit 2
(Tx FEAC Enable) of the register, in order to keep the
Transmit FEAC Processor enabled.
Once this step has been completed, the Transmit
FEAC Processor will proceed to transmit the 16 bit
FEAC code via the outbound DS3 frames. This 16 bit
FEAC message will be transmitted repeatedly 10
consecutive times. Hence, this process will require a
total of 160 DS3 Frames. During this process the Tx
FEAC Busy bit (Bit 0, within the Transmit DS3 FEAC
Configuration and Status register) will be asserted,
indicating that the Tx FEAC Processor is currently
transmitting the FEAC Message to the remote Termi-
nal. This bit-field will toggle to "0" upon completion of
the 10th transmission of the FEAC Code Message.
The Transmit FEAC Processor will generate an inter-
rupt (if enabled) to the local µP/µC, upon completion
of the 10th transmission of the FEAC Message. The
purpose of having the Framer IC generating this inter-
rupt is to let the local µP/µC know that the Transmit
FEAC Processor is now available and ready to trans-
mit a new FEAC message. Finally, once the Transmit
FEAC Processor has completed its 10th transmission
of a FEAC Code Message it will then begin sending
TX DS3 FEAC REGISTER (ADDRESS = 0X32)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT2
BIT 1BIT 0
Not Used
TxFEAC[5]
TxFEAC[4]
TxFEAC[3]
TxFEAC[2]
TxFEAC[1]
TxFEAC[0]
Not Used
RO
R/W
R/W
R/W
R/W
R/W
R/W
R0
0
d5
d4
d3
d2
d1
d0
0
TRANSMIT DS3 FEAC CONFIGURATION AND STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3
BIT2BIT 1BIT 0
Not Used
Not Used
Not Used
TxFEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
Go
TxFEAC
Busy
RO
RO
RO
R/W
RO
R/W
R/W
R0
x
xxxx
1X
X
TRANSMIT DS3 FEAC CONFIGURATION AND STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Not Used
Not Used
Not Used
TxFEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
Go
TxFEAC
Busy
RO
RO
RO
R/W
RO
R/W
R/W
R0
x
xxxx
1
1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com