Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 246 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 246 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 242Page - Exar Corporation XRT7250 Datasheet HTML 243Page - Exar Corporation XRT7250 Datasheet HTML 244Page - Exar Corporation XRT7250 Datasheet HTML 245Page - Exar Corporation XRT7250 Datasheet HTML 246Page - Exar Corporation XRT7250 Datasheet HTML 247Page - Exar Corporation XRT7250 Datasheet HTML 248Page - Exar Corporation XRT7250 Datasheet HTML 249Page - Exar Corporation XRT7250 Datasheet HTML 250Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
227
Whenever the Terminal Equipment encounters the
Change in Idle Condition Receive Interrupt, it should
do the following.
1. It should determine the current state of the Idle
condition. Recall, that this interrupt can gener-
ated, whenever the XRT7250 Framer declares or
clears the Idle condition. Hence, the user can
determine the current state of the Idle condition
by reading the state of Bit 5 (RxIdle), within the
RxDS3 Configuration & Status Registers, as illus-
trated below
4.3.6.2.5
The Change of State of Receive FERF
Interrupt
If the Change of State on Receive FERF Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt in response to either of the following con-
ditions.
1. When the XRT7250 Framer IC detects the FERF
indicator, in the incoming DS3 data stream, and
2. When the XRT7250 Framer IC no longer detects
the FERF indicator, in the incoming DS3 data
stream.
Conditions causing the XRT7250 Framer IC to de-
clare an FERF (Far-End-Receive Failure) condi-
tion
• If the Receive DS3 Framer block (within the
XRT7250 Framer IC) detects some incoming DS3
frames with both of the “X” bits set to “0”.
Conditions causing the XRT7250 Framer IC to
clear the FERF condition.
• Whenever, the Receive DS3 Framer block starts to
detect some incoming DS3 frames, in which the “X”
bits are not set to “0”.
Enabling and Disabling the Change of State on
Receive FERF Interrupt:
The user can enable or disable the Change of State
on Receive FERF Interrupt, by writing the appropriate
value into Bit 3 (FERF Interrupt Enable) within the
RxDS3 Interrupt Enable Register, as illustrated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change of State on Receive FERF
Interrupt
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0010
000
RXDS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Reserved
Framing On
Parity
FSync
Algo
MSync
Algo
RO
RO
RO
RO
RO
RO
RO
RUR
0
0000
000
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
Idle Interrupt
Enable
FERF
Interrupt
Enable
AIC
Interrupt
Enable
OOF
Interrupt
Enable
P-Bit Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com