Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 250 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 250 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 246Page - Exar Corporation XRT7250 Datasheet HTML 247Page - Exar Corporation XRT7250 Datasheet HTML 248Page - Exar Corporation XRT7250 Datasheet HTML 249Page - Exar Corporation XRT7250 Datasheet HTML 250Page - Exar Corporation XRT7250 Datasheet HTML 251Page - Exar Corporation XRT7250 Datasheet HTML 252Page - Exar Corporation XRT7250 Datasheet HTML 253Page - Exar Corporation XRT7250 Datasheet HTML 254Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
231
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Receive FEAC Message - Validation
Interrupt.
Whenever the XRT7250 Framer IC generates this in-
terrupt, it will do the following.
• It will assert the Interrupt Request output pin (INT)
by driving it "Low".
• It will set Bit 0 (RxFEAC Valid Interrupt Status),
within the RxDS3 FEAC Interrupt Enable/Status
Register to “1”, as indicated below.
• It will write the contents of this validated FEAC
Message into the Rx DS3 FEAC Register, as indi-
cated below.
Whenever the Terminal Equipment encounters the
Receive FEAC Message - Validation Interrupt, then it
should do the following.
• It should read the contents of the High RxDS3
FEAC Register, and respond accordingly.
4.3.6.2.10 The Receive FEAC Message -
Removal Interrupt
if the Receive FEAC Message - Removal Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt any time the High Receive FEAC Proces-
sor removes a new FEAC (Far-End Alarm & Control)
Message.
In particular, the Receive FEAC Processor will re-
move a FEAC Message, it has received a different
FEAC Message (from the most recently validated
message) in 3 of the last 10 FEAC Message recep-
tions.
Enabling/Disabling the Receive FEAC Message -
Removal Interrupt
The user can enable or disable the Receive FEAC
Message - Removal Interrupt, by writing the appropri-
ate data into Bit 1 (RxFEAC Remove Interrupt En-
able) within the RxDS3 FEAC Interrupt Enable/Status
Register, as indicated below.
RXDS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FEAC Valid
RxFEAC
Remove
Interrupt
Enable
RxFEAC
Remove
Interrupt
Status
RxFEAC
Valid
Interrupt
Enable
RxFEAC
Valid
Interrupt
Status
RO
RO
RO
RO
R/W
RUR
R/W
RUR
0
0000
0
X
0
RXDS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FEAC Valid
RxFEAC
Remove
Interrupt
Enable
RxFEAC
Remove
Interrupt
Status
RxFEAC
Valid
Interrupt
Enable
RxFEAC
Valid
Interrupt
Status
RO
RO
RO
RO
R/W
RUR
R/W
RUR
0
0000
011
RXDS3 FEAC REGISTER (ADDRESS = 0X16)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxFEAC[5:0]
Not Used
RO
RO
RO
RO
R/O
R/O
R/O
R/O
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com