Electronic Components Datasheet Search
  English  ▼

X  

YAT-2A Datasheet(PDF) 1 Page - Mini-Circuits

Part # YAT-2A
Description  Fixed Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-2A Datasheet(HTML) 1 Page - Mini-Circuits

  YAT-2A Datasheet HTML 1Page - Mini-Circuits YAT-2A Datasheet HTML 2Page - Mini-Circuits YAT-2A Datasheet HTML 3Page - Mini-Circuits YAT-2A Datasheet HTML 4Page - Mini-Circuits YAT-2A Datasheet HTML 5Page - Mini-Circuits YAT-2A Datasheet HTML 6Page - Mini-Circuits YAT-2A Datasheet HTML 7Page - Mini-Circuits YAT-2A Datasheet HTML 8Page - Mini-Circuits YAT-2A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Exceptional Power Handling, Up to 2W
• Wide bandwidth, DC - 18 GHz
• Small Size, 2 mm x 2 mm
Product Overview
YAT-A attenuators (ROHS compliant) are fixed value, absorptive attenuators fabricated using highly repeti-
tive MMIC processing including thin film resistors on GaAs substrates. YAT-A attenuators contain through-
wafer metallization vias to realize low thermal resistance and wideband operation. YAT-As are available
with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20, and 30 dB. Packaged in tiny
2 mm x 2 mm MCLPTM package fits into tiny spaces.
Feature
Advantages
Wideband operation, DC to 18 GHz
Supports a wide array of applications including wireless cellular, microwave Com-
munications, satellite, Defense and aerospace, medical broadband and optic applica-
tions.
Small Size and simple to use
(2 mm x 2 mm)
As a single chip solution, the YAT-A series occupies less board space than a “T” or “Pi”
pad configuration, and ensures repeatable performance over wide frequency ranges.
High Power, Up to 2W
High power handling in a small size package.
Wide range of nominal attenuation values
0 to 10 dB (in 1 dB steps), and 12, 15, 20,
and 30 dB
Small increment offering enables circuit designer to change attenuation values without
motherboard redesign making the YAT-A series ideal for select at test application.
MCLPTM Package
Low Inductance, repeatable transitions, excellent thermal path make the YAT-A series an
ideal solution as an alternative to “do it yourself” resistor based attenuators.
YAT-A-SERIES
Key Features
50Ω
Up to 2W
DC to 18 GHz
CASE STYLE: MC1630


Similar Part No. - YAT-2A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-2A+ MINI-YAT-2A+ Datasheet
374Kb / 5P
Fixed Attenuator
REV. A
More results

Similar Description - YAT-2A

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50FHC-XXX-25 JFW-50FHC-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAH-XXX JFW-50HFAH-XXX Datasheet
29Kb / 2P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
50HF-XXX-25 JFW-50HF-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-100 JFW-50FHAO-XXX-100 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-150 JFW-50FHAO-XXX-150 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FH-XXX-300-2 JFW-50FH-XXX-300-2 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75FHC-XXX-10 JFW-75FHC-XXX-10 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75F-XXX-N JFW-75F-XXX-N Datasheet
26Kb / 1P
FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com