Electronic Components Datasheet Search
  English  ▼

X  

YAT-2A Datasheet(PDF) 13 Page - Mini-Circuits

Part # YAT-2A
Description  Fixed Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-2A Datasheet(HTML) 13 Page - Mini-Circuits

Back Button YAT-2A Datasheet HTML 5Page - Mini-Circuits YAT-2A Datasheet HTML 6Page - Mini-Circuits YAT-2A Datasheet HTML 7Page - Mini-Circuits YAT-2A Datasheet HTML 8Page - Mini-Circuits YAT-2A Datasheet HTML 9Page - Mini-Circuits YAT-2A Datasheet HTML 10Page - Mini-Circuits YAT-2A Datasheet HTML 11Page - Mini-Circuits YAT-2A Datasheet HTML 12Page - Mini-Circuits YAT-2A Datasheet HTML 13Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV08T1
monoethanolamine at 63°C to 70°C
This document and its contents are the property of Mini-Circuits.
Rev:
ENV08T1
B
02/18/11
File:
M130782
ENV08T1.pdf
Page: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com