Electronic Components Datasheet Search
  English  ▼

X  

YAT-2A Datasheet(PDF) 3 Page - Mini-Circuits

Part # YAT-2A
Description  Fixed Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-2A Datasheet(HTML) 3 Page - Mini-Circuits

  YAT-2A Datasheet HTML 1Page - Mini-Circuits YAT-2A Datasheet HTML 2Page - Mini-Circuits YAT-2A Datasheet HTML 3Page - Mini-Circuits YAT-2A Datasheet HTML 4Page - Mini-Circuits YAT-2A Datasheet HTML 5Page - Mini-Circuits YAT-2A Datasheet HTML 6Page - Mini-Circuits YAT-2A Datasheet HTML 7Page - Mini-Circuits YAT-2A Datasheet HTML 8Page - Mini-Circuits YAT-2A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Absolute Maximum Ratings
Operating Case Temperature3
-40°C to 85°C
Storage Temperature
-65°C to 150°C
RF Input Power2
2W
3. Case is defined as ground lead.
Permanent damage may occur if any of these limits are exceeded.
YAT-2A+
Electrical Specifications1 at 25°C, 50Ω (CPW)
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
—
18
GHz
Attenuation
0.01
—
2
—
dB
DC - 5
1.5
1.92
2.3
5 - 15
1.4
1.85
2.3
15 - 18
1.5
1.84
2.4
VSWR
DC - 5
—
1.08
1.25
:1
5 - 15
—
1.12
1.7
15 - 18
—
1.29
1.9
Input Power2
DC - 18
—
—
2.0
W
1. Tested on Mini-Circuits test board TB-YAT-2A+ using coplanar wave guide (CPW) input and output traces (see suggested PCB layout on page 4 of this data sheet)
2. RF Power at 25°C case temperature: 2.0 Watt. Derate linearly to 1.0 W at 85°C.
1.7
1.8
1.9
2.0
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-2A+
ATTENUATION
1.0
1.2
1.4
1.6
1.8
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-2A+
VSWR
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
0.010
1.94
1.08
1.0
1.91
1.05
2.0
1.88
1.06
4.0
1.83
1.08
5.0
1.82
1.07
8.0
1.81
1.12
10.0
1.81
1.14
12.0
1.79
1.20
15.0
1.82
1.33
16.0
1.81
1.32
18.0
1.74
1.31
YAT-2A+
TB-YAT-2A+
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization, Test board TB-YAT-2A+
Conditions: Attenuation, VSWR: Pin=-10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com