Electronic Components Datasheet Search
  English  ▼

X  

IRS211 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRS211
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS211 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRS211 Datasheet HTML 1Page - Infineon Technologies AG IRS211 Datasheet HTML 2Page - Infineon Technologies AG IRS211 Datasheet HTML 3Page - Infineon Technologies AG IRS211 Datasheet HTML 4Page - Infineon Technologies AG IRS211 Datasheet HTML 5Page - Infineon Technologies AG IRS211 Datasheet HTML 6Page - Infineon Technologies AG IRS211 Datasheet HTML 7Page - Infineon Technologies AG IRS211 Datasheet HTML 8Page - Infineon Technologies AG IRS211 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.irf.com
© 2008 International Rectifier
1
February 18, 2009
IRS211(7,71,8)(S)
SINGLE CHANNEL DRIVER
IC Features
•
Floating channel designed for bootstrap
operation
•
Fully operational to +600V
•
Tolerant to negative transient voltage, dV/dt
immune
•
Gate drive supply range from 10 V to 20V
•
Undervoltage lockout
•
CMOS Schmitt-triggered inputs with pull-down
•
Output in phase with input
•
RoHS compliant
•
IRS2117 and IRS2118 available in PDIP8
Product Summary
Topology
Single High Side
VOFFSET
600 V
VOUT
10V-20 V
IO+ & IO- (typical)
290 mA & 600 mA
IRS211(7,8)
9.5 V & 6 V
IN voltage
threshold
IRS21171
2.5 V & 0.8 V
Package Type
SOIC8
PDIP8
IRS2117(1)
IRS2118
The IRS21171SPBF is not recommended for new designs. For new designs, we recommend IRS2117SPbF or IRS25752LPbF


Similar Part No. - IRS211

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2110 IRF-IRS2110 Datasheet
493Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2110 IRF-IRS2110 Datasheet
604Kb / 19P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2110 INFINEON-IRS2110 Datasheet
566Kb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60249
IRS2110-1 INFINEON-IRS2110-1 Datasheet
566Kb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60249
logo
International Rectifier
IRS2110-1PBF IRF-IRS2110-1PBF Datasheet
493Kb / 19P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS211

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2117 MOTOROLA-MPIC2117 Datasheet
152Kb / 6P
SINGLE CHANNEL DRIVER
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
SINGLE CHANNEL DRIVER
AUIRS2117S IRF-AUIRS2117S Datasheet
510Kb / 21P
SINGLE CHANNEL DRIVER
IRS2117 IRF-IRS2117 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
IR2118STRPBF IRF-IR2118STRPBF Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117_15 Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
AUIRS211S INFINEON-AUIRS211S Datasheet
659Kb / 21P
SINGLE CHANNEL DRIVER
July 15, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com