Electronic Components Datasheet Search
  English  ▼

X  

IRS211 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # IRS211
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS211 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button IRS211 Datasheet HTML 14Page - Infineon Technologies AG IRS211 Datasheet HTML 15Page - Infineon Technologies AG IRS211 Datasheet HTML 16Page - Infineon Technologies AG IRS211 Datasheet HTML 17Page - Infineon Technologies AG IRS211 Datasheet HTML 18Page - Infineon Technologies AG IRS211 Datasheet HTML 19Page - Infineon Technologies AG IRS211 Datasheet HTML 20Page - Infineon Technologies AG IRS211 Datasheet HTML 21Page - Infineon Technologies AG IRS211 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
18
Parameter Temperature Trends - 211(7,8)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 28A. IRS211(7,8) Turn-On Tim e
vs. Tem perature
Typ.
Max.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 28B. IRS211(7,8) Turn-On Tim e
vs. Supply Voltage
Typ.
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 29A. IRS211(7,8) Turn-Off Time
vs. Temperature
Typ.
Max.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 29B. IRS211(7,8) Turn-Off Time
vs. Supply Voltage
Typ.
Ma
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 30A. IRS2117 Logic "1" (2118 "0") Input
Voltage vs. Temperature
Min.
5
7
9
11
13
15
10
12
14
16
18
20
Vcc Supply Voltage (V)
Figure 30B. IRS2117 Logic "1" (2118 "0") Input
Voltage vs. Supply Voltage
Min.
The IRS21171SPBF is not recommended for new designs. For new designs, we recommend IRS2117SPbF or IRS25752LPbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com