Electronic Components Datasheet Search
  English  ▼

X  

IRS211 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # IRS211
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS211 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button IRS211 Datasheet HTML 13Page - Infineon Technologies AG IRS211 Datasheet HTML 14Page - Infineon Technologies AG IRS211 Datasheet HTML 15Page - Infineon Technologies AG IRS211 Datasheet HTML 16Page - Infineon Technologies AG IRS211 Datasheet HTML 17Page - Infineon Technologies AG IRS211 Datasheet HTML 18Page - Infineon Technologies AG IRS211 Datasheet HTML 19Page - Infineon Technologies AG IRS211 Datasheet HTML 20Page - Infineon Technologies AG IRS211 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
17
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 25A. Output Source Current
vs. Temperature
Typ.
Min.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 25B. Output Source Current
vs. Supply Voltage
Typ.
Min.
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
Temperature (oC)
Figure 26A. Output Sink Current
vs.Tem perature
Typ.
Min.
0
200
400
600
800
1000
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 26B. Output Sink Current
vs. Supply Voltage
Typ.
Min.
-12
-10
-8
-6
-4
-2
0
10
12
14
16
18
20
V
bs Floating Supply Voltage (V)
Typ.
Figure 27. Maximum VS Negative Offset vs.
Supply Voltage
The IRS21171SPBF is not recommended for new designs. For new designs, we recommend IRS2117SPbF or IRS25752LPbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com