Electronic Components Datasheet Search
  English  ▼

X  

TC267 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TC267
Description  32-Bit Single-Chip Microcontroller
PDF  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC267 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TC267 Datasheet HTML 3Page - Infineon Technologies AG TC267 Datasheet HTML 4Page - Infineon Technologies AG TC267 Datasheet HTML 5Page - Infineon Technologies AG TC267 Datasheet HTML 6Page - Infineon Technologies AG TC267 Datasheet HTML 7Page - Infineon Technologies AG TC267 Datasheet HTML 8Page - Infineon Technologies AG TC267 Datasheet HTML 9Page - Infineon Technologies AG TC267 Datasheet HTML 10Page - Infineon Technologies AG TC267 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 318 page
background image
TC 260 / 264 / 265 / 267
Summary of Features
Data Sheet
1-1
V 1.0 2017-06
1
Summary of Features
The TC26x product family has the following features:
•
High Performance Microcontroller with two CPU cores
•
One 32-bit super-scalar TriCore CPUs (TC1.6P), having the following features:
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Multiply-accumulate unit able to sustain 2 MAC operations per cycle
– up to 200 MHz operation at full temperature range
– up to 120 Kbyte Data Scratch-Pad RAM (DSPR)
– up to 32 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 16 Kbyte Instruction Cache (ICACHE)
– 8 Kbyte Data Cache (DCACHE)
•
Power Efficient scalar TriCore CPU (TC1.6E), having the following features:
– Binary code compatibility with TC1.6P
– up to 200 MHz operation at full temperature range
– up to 72 Kbyte Data Scratch-Pad RAM (DSPR)
– up to 16 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 8 Kbyte Instruction Cache (ICACHE)
– 0.125Kbyte Data Read Buffer (DRB)
•
Lockstepped shadow core for TC1.6P
•
Multiple on-chip memories
– All embedded NVM and SRAM are ECC protected
– up to 2.5 Mbyte Program Flash Memory (PFLASH)
– up to 96 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– 0 Kbyte Memory (LMU)
– BootROM (BROM)
•
48-Channel DMA Controller with safe data transfer
•
Sophisticated interrupt system (ECC protected)
•
High performance on-chip bus structure
– 64-bit Cross Bar Interconnect (SRI) giving fast parallel access between busmasters, CPUs and memories
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– One bus bridge (SFI Bridge)
•
Safety Management Unit (SMU) handling safety monitor alarms
•
Memory Test Unit with ECC, Memory Initialization and MBIST functions (MTU)
•
Hardware I/O Monitor (IOM) for checking of digital I/O
•
Versatile On-chip Peripheral Units
– Four Asynchronous/Synchronous Serial Channels (ASCLIN) with hardware LIN support (V1.3, V2.0, V2.1
and J2602) up to 50 MBaud
– Four Queued SPI Interface Channels (QSPI) with master and slave capability upto 50 Mbit/s
– High Speed Serial Link (HSSL) for serial inter-processor communication up to 320Mbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com