Electronic Components Datasheet Search
  English  ▼

X  

TC267 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC267
Description  32-Bit Single-Chip Microcontroller
PDF  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC267 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC267 Datasheet HTML 5Page - Infineon Technologies AG TC267 Datasheet HTML 6Page - Infineon Technologies AG TC267 Datasheet HTML 7Page - Infineon Technologies AG TC267 Datasheet HTML 8Page - Infineon Technologies AG TC267 Datasheet HTML 9Page - Infineon Technologies AG TC267 Datasheet HTML 10Page - Infineon Technologies AG TC267 Datasheet HTML 11Page - Infineon Technologies AG TC267 Datasheet HTML 12Page - Infineon Technologies AG TC267 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 318 page
background image
TC 260 / 264 / 265 / 267
Summary of Features
Data Sheet
1-3
V 1.0 2017-06
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the required product. This ordering
code identifies:
•
The derivative itself, i.e. its function set, the temperature range, and the supply voltage
•
The package and the type of delivery.
For the available ordering codes for the TC 260 / 264 / 265 / 267 please refer to the
“
AURIX™ TC2x Data Sheet Addendum”, which summarizes all available variants.
Table 1-1
Overview of TC 260 / 264 / 265 / 267 Functions
Feature
CPU Core
Type
TC1.6P / TC1.6E
P Cores /
Checker Cores /
E Cores /
Checker Cores
1 /
1 /
1 /
0
Max. Freq.
200 MHz
FPU
yes
Program
Flash
Size
2.5 Mbyte
Data Flash
Size
96 Kbyte
Cache
Instruction
16 Kbyte / 8 Kbyte
Data
8 Kbyte / -
SRAM
Size TC1.6P
(DPSR/PSPR)
120 Kbyte / 32 Kbyte2)
Size TC1.6E
(DPSR/PSPR)
72 Kbyte / 16 Kbyte1) 2)
Size LMU
0 Kbyte
DMA
Channels
48
ADC
Channels
38 + 12
Converter
4
DSADC
Channels
3 / 4
GTM
TIM
3
TOM
2
ATOM / MCS
4 / 3
CMU / ICM
1 / 1
PSM
1
TBU
1
SPE
2
CMP / MON
1 / 1
BRC / DPLL
0 / 1
Timer
GPT12
2
CCU6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com