Electronic Components Datasheet Search
  English  ▼

X  

TC267 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TC267
Description  32-Bit Single-Chip Microcontroller
PDF  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC267 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TC267 Datasheet HTML 4Page - Infineon Technologies AG TC267 Datasheet HTML 5Page - Infineon Technologies AG TC267 Datasheet HTML 6Page - Infineon Technologies AG TC267 Datasheet HTML 7Page - Infineon Technologies AG TC267 Datasheet HTML 8Page - Infineon Technologies AG TC267 Datasheet HTML 9Page - Infineon Technologies AG TC267 Datasheet HTML 10Page - Infineon Technologies AG TC267 Datasheet HTML 11Page - Infineon Technologies AG TC267 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 318 page
background image
TC 260 / 264 / 265 / 267
Summary of Features
Data Sheet
1-2
V 1.0 2017-06
– Two serial Micro Second Bus interfaces (MSC) for serial port expansion to external power devices
– One MultiCAN+ Module with 5 CAN nodes and 256 free assignable messageobjects for high efficiency data
handling via FIFO buffering and gateway data transfer
– 6 Single Edge Nibble Transmission (SENT) channels for connection to sensors
– One FlexRayTMmodule with 2 channels (E-Ray) supporting V2.1
– One Generic Timer Module (GTM) providing a powerful set of digital signal filteringand timer functionality
to realize autonomous and complex Input/Output management
– One Capture / Compare 6 module (Two kernels CCU60 and CCU61)
– One General Purpose 12 Timer Unit (GPT120)
– Three channel Peripheral Sensor Interface conforming to V1.3 (PSI5)
– Peripheral Sensor Interface with Serial PHY (PSI5-S)
– Inter-Integrated Circuit Bus Interface (I2C) conforming to V2.1
– IEEE802.3 Ethernet MAC with RMII and MII interfaces (ETH)
•
8-bit Standby Controller (TC2x_SCR)
– Two 8-bit timers
– One 16-bit timer
– Timer 2 Capture Compare Unit
– Real Time Clock
– Universal Asynchronous Receiver/Transmitter
– High Speed Synchronous Serial Interface
– Wake-up CAN Filter
•
Versatile Successive Approximation ADC (VADC)
– Cluster of 4 independent ADC kernels
– Input voltage range from 0 V to 5.5V (ADC supply)
•
Delta-Sigma ADC (DSADC)
– Three/Four channels
•
Digital programmable I/O ports
•
On-chip debug support for OCDS Level 1 (CPUs , DMA, On Chip Buses)
•
Dedicated Emulation Device chip available (ED)
– multi-core debugging, real time tracing, and calibration
– Aurora Gigabit Trace Port (AGBT) on some variants (See below)
– four/five wire JTAG (IEEE 1149.1) or DAP (Device Access Port) interface
•
Power Management System and on-chip regulators
•
Clock Generation Unit with System PLL and Flexray PLL
•
Embedded Voltage Regulator
The support of the Feature 8-bit Standby Controller (TC2x_SCR) is discontinued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com