Electronic Components Datasheet Search
  English  ▼

X  

IP178A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP178A
Description  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP178A Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
(Advance Version)
IP178A
PIN Description
Type
Description
I
Input pin
IPL
Input pin with internal pull low
IPH
Input pin with internal pull high
O
Output pin
I/O
Input and Output pin
Pin no.
Label
Type
Description
MLT3 signals
25
BGRES
I
Band gap resister
It is connected to GND through a 6.19k (1%) resistor in application circuit.
52, 76
FXSD6
FXSD7
I
100Base-FX signal detect
Fiber signal detect of port 6 and 7 when the ports are configured to be fiber ports.
Fiber signal detect is active if the voltage of FXSD is higher than 1.2v. If TP mode
is selected, the pins must be connected to ground.
189, 190,
205, 204, 4,
5, 20, 19,
32, 33, 48,
47, 56, 57,
72, 71
RXIP0~7
RXIM0~7
I
TP receive
195, 196,
199, 198,
10,11, 14,
13, 38, 39,
42, 41, 62,
63, 66, 65
TXOP0~7
TXOM0~7
O
TP transmit
Preliminary, Specification subject to change without notice 5
IP178A-DS-P05
Sep. 09, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com