Electronic Components Datasheet Search
  English  ▼

X  

IP178A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP178A
Description  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP178A Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
(Advance Version
IP178A
8-Port 10/100 Ethernet Integrated Switch
Feature
Three-in-one 8 port 10/100 Ethernet switch
- Built in an 8 port Ethernet switch engine
- Built in 8 10/100M transceivers
- Built in SSRAM
Support flow control
- Support IEEE802.3x for full duplex mode operation
- Support backpressure for half duplex mode
operation
Built in up to 1K MAC address
An 8 port switching fabric
- Support two-level hashing algorithm to improve
address collision
- Support address aging
- Store and forward mode
- Broadcast storm protection
Full line speed capability of 148800 (14880)
packets/sec for 100M (10M)
-
-
-
-
-
-
-
-
-
-
Support 1536 byte data transfer for VLAN traffic
Support one MII port
Support port base VLAN
Support CoS
DSP approach transceivers
Auto negotiation
Fully digital adaptive equalizer and timing recovery
module
Base line Wander correction
10BaseT, 100BaseT, and 100BaseFX(port6, port7
only) operation
Automatic MDI/MDI-X configuration
LED status of Link, Receive, Full duplex, and Speed
LED with power on diagnostic function
Set operation parameters via pins or EEPROM
interface
Utilize single clock source (25Mhz)
Utilize single power supply (2.5v)
0.25um technology
Packaged in 208 pin PQFP
General Description
IP178A is an 8 port 10/100 Ethernet integrated switch. It
consists of an 8-port switch controller and eight Fast
Ethernet transceivers. Each of the transceivers complies
with the IEEE802.3, IEEE802.3u, and IEEE802.3x
specifications. The transceivers in IP178A are designed
in DSP approach with advance 0.25um technology; this
results in high noise immunity and robust performance.
Two ports of IP178A can be configured as 100BaseFX.
The IP178A operates in store and forward mode. It
stores the incoming packet to the internal SSRAM and
learns the SA (source address) automatically if the
packet is error free. The SA is stored to the internal
address table. IP178A forwards a packet according to DA
and address table. When the segments of destination
ports are free, it reads the packet from the internal
SSRAM and forwards it to the appropriate ports
according to the address table. The incoming packets
with errors are dropped. IP178A supports IEEE802.3x,
optional backpressure, Auto MDI/MDI-X, CoS, port base
VLAN, one MII port and various LED functions, etc.
These functions can be configured to fit the different
requirements by feeding operation parameters via
EEPROM interface or pull up/down resistors on specified
pins.
Preliminary, Specification subject to change without notice
1
IP178A-DS-P05
Sep. 09, 2002


Similar Part No. - IP178A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R01 ETC2-IP178C-DS-R01 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R02 ETC2-IP178C-DS-R02 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R03 ETC2-IP178C-DS-R03 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R04 ETC2-IP178C-DS-R04 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP178A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com