Electronic Components Datasheet Search
  English  ▼

X  

IP178A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP178A
Description  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP178A Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
(Advance Version)
IP178A
PIN Description (continued)
Pin no.
Label
Type
Description
174
EEDO
IPL
Data input of EEPROM
175
EEDI
IPL/O
Data output of EEPROM
It is input during reset period. After reset, it is an output signal EEDI to read
EEPROM. After reading EEPROM, this pin becomes an output signal MRXD3, if
external MII port is enabled (MII_P0_EXT_EN=1); otherwise, it is an input signal.
176
EECS
IPL/O
Chip select of EEPROM
It is input during reset period. After reset, it is an output signal EECS to read
EEPROM. After reading EEPROM, this pin becomes an input signal.
177
EESK
IPL/O
Clock input of EEPROM
It is input during reset period. After reset, it is an output signal EESK to read
EEPROM. After reading EEPRM, this pin becomes an output signal MII_CLK, if
external MII port is enabled (MII_P0_EXT_EN=1); otherwise, it is an input signal.
Misc.
78
OSCI
I
25Mhz system clock.
A 25Mhz clock from oscillator is fed to this pin. The X2 pin should be left open in
this application.
79
X2
O
Crystal pin
A 25Mhz crystal can be connected to OSCI and X2.
89
RESETB
I
Reset
It is low active. It must be hold for more than 1ms. It is Schmitt trigger input.
Preliminary, Specification subject to change without notice
6
IP178A-DS-P05
Sep. 09, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com