Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6721
Description  ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6721 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments ISO6721 Datasheet HTML 15Page - Texas Instruments ISO6721 Datasheet HTML 16Page - Texas Instruments ISO6721 Datasheet HTML 17Page - Texas Instruments ISO6721 Datasheet HTML 18Page - Texas Instruments ISO6721 Datasheet HTML 19Page - Texas Instruments ISO6721 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8 Detailed Description
8.1 Overview
The ISO672xB-Q1 family of devices has an ON-OFF keying (OOK) modulation scheme to transmit the digital
data across a silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across the
barrier to represent one digital state and sends no signal to represent the other digital state. The receiver
demodulates the signal after advanced signal conditioning and produces the output through a buffer stage.
These devices also incorporate advanced circuit techniques to maximize the CMTI performance and minimize
the radiated emissions due the high frequency carrier and IO buffer switching. The conceptual block diagram of
a digital capacitive isolator, Figure 8-1, shows a functional block diagram of a typical channel.
8.2 Functional Block Diagram
TX IN
Oscillator
OOK
Modulation
Transmitter
Emissions
Reduction
Techniques
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
Figure 8-1. Conceptual Block Diagram of a Digital Capacitive Isolator
Figure 8-2 shows a conceptual detail of how the OOK scheme works.
TX IN
RX OUT
Carrier signal through
isolation barrier
Figure 8-2. On-Off Keying (OOK) Based Modulation Scheme
ISO6721-Q1
SLLSFF5 – JULY 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO6721-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com