Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6721
Description  ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6721 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments ISO6721 Datasheet HTML 15Page - Texas Instruments ISO6721 Datasheet HTML 16Page - Texas Instruments ISO6721 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6.17 Switching Characteristics—5-V Supply
VCC1, VCC2 = 1.71 V to 1.89 V or 2.25 V to 5.5 V (over recommended operating conditions unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
11
18
ns
tP(dft)
Propagation delay drift
8
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
20
ns
PWD
Pulse width distortion
See Figure 7-1
7
ns
tsk(o)
Channel to channel output skew time
Same direction channels
6
ns
tsk(p-p)
Part to part skew time
6
ns
tr
Output signal rise time
See Figure 7-1
4.5
ns
tf
Output signal fall time
4.5
ns
tDO
Default output delay time from input
power loss
See Figure 7-2
0.1
0.3
us
tPU
Time from UVLO to valid output data
300
us
tie
Time interval error
1
ns
6.18 Switching Characteristics—3.3-V Supply
VCC1, VCC2 = 1.71 V to 1.89 V or 2.25 V to 5.5 V (over recommended operating conditions unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
11
18
ns
tP(dft)
Propagation delay drift
9.2
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
20
ns
PWD
Pulse width distortion
See Figure 7-1
7
ns
tsk(o)
Channel to channel output skew time
Same direction channels
6
ns
tsk(p-p)
Part to part skew time
6
ns
tr
Output signal rise time
See Figure 7-1
3.2
ns
tf
Output signal fall time
3.2
ns
tDO
Default output delay time from input
power loss
See Figure 7-2
0.1
0.3
us
tPU
Time from UVLO to valid output data
300
us
tie
Time interval error
1
ns
6.19 Switching Characteristics—2.5-V Supply
VCC1, VCC2 = 1.71 V to 1.89 V or 2.25 V to 5.5 V (over recommended operating conditions unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
12
20.5
ns
tP(dft)
Propagation delay drift
14.3
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
20
ns
PWD
Pulse width distortion
See Figure 7-1
7.1
ns
tsk(o)
Channel to channel output skew time
Same direction channels
6
ns
tsk(p-p)
Part to part skew time
6.1
ns
tr
Output signal rise time
See Figure 7-1
4
ns
tf
Output signal fall time
4
ns
tDO
Default output delay time from input
power loss
See Figure 7-2
0.1
0.3
us
www.ti.com
ISO6721-Q1
SLLSFF5 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO6721-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com