Electronic Components Datasheet Search
  English  ▼

X  

HFKA Datasheet(PDF) 8 Page - Hongfa Technology

Part # HFKA
Description  AUTOMOTIVE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKA Datasheet(HTML) 8 Page - Hongfa Technology

  HFKA Datasheet HTML 1Page - Hongfa Technology HFKA Datasheet HTML 2Page - Hongfa Technology HFKA Datasheet HTML 3Page - Hongfa Technology HFKA Datasheet HTML 4Page - Hongfa Technology HFKA Datasheet HTML 5Page - Hongfa Technology HFKA Datasheet HTML 6Page - Hongfa Technology HFKA Datasheet HTML 7Page - Hongfa Technology HFKA Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Disclaimer
The specification is for reference only. See to "Terminology and Guidelines" for more information. Specifications subject to change without notice.
In case there is specific criterion (such as mission profile, technical specification, PPAP etc.) checked and agreed by and between customer and Hongfa,
this specific criterion should be taken as standard regarding any requirement on Hongfa product.
We could not evaluate all the performance and all the parameters for every possible application. Thus the user should be in a right position to choose
the suitable product for their own application. If there is any query, please contact Hongfa for the technical service. However, it is the user
’s responsibility
to determine which product should be used only.
© Xiamen Hongfa Electroacoustic Co., Ltd. All rights of Hongfa are reserved.
35
4. Coil temperature rise
(1)
Coil temperature rise(23℃)
Experiment:HFKA/012-1ZSPT
Amount:three
Carrying current:0A,15A,25A
Ambient temp:
23℃
(2)
Coil temperature rise(85℃)
Experiment:HFKA/012-1ZSPT
Amount:three
Carrying current:0A,15A,25A
Ambient temp:
85℃
Time (min)
140
160
0
20
40
60
80
100
120
10
12
14
16
18
25A
15A
0A
(min)
140
160
0
20
40
60
80
100
120
10
12
14
16
18
15A
10A
0A
Time
CHARACTERISTIC CURVES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com