Electronic Components Datasheet Search
  English  ▼

X  

HFKA Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFKA
Description  AUTOMOTIVE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKA Datasheet(HTML) 3 Page - Hongfa Technology

  HFKA Datasheet HTML 1Page - Hongfa Technology HFKA Datasheet HTML 2Page - Hongfa Technology HFKA Datasheet HTML 3Page - Hongfa Technology HFKA Datasheet HTML 4Page - Hongfa Technology HFKA Datasheet HTML 5Page - Hongfa Technology HFKA Datasheet HTML 6Page - Hongfa Technology HFKA Datasheet HTML 7Page - Hongfa Technology HFKA Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
31
Outline Dimensions
Remark: * The additional tin top is max. 1mm.
1H: 1 Form A (Single version)
2H: 2 Form A (Twin version)
2x(1.2
)x(0.3
)
4x(0.3
)x(0.5
)
4x(1.2
)x(0.3
)
4x(0.3
)x(0.5
)
6x(1.2
)x(0.3
)
2x(0.3
)x(0.5
)
2x(1.2
)x(0.3
)
4x(0.3
)x(0.5
)
4x(1.2
)x(0.3
)
Remark: * The additional tin top is max. 1mm.
1Z: 1 Form C (Single version)
2Z: 2 Form C (Twin version)
1H: 1 Form A (Single version)
2H: 2 Form A (Twin version)
2x(0.3
)x(0.5
)
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
HFKA-T (Reflow soldering version / High-temperature version)
Unit: mm
7.2 0.3
+0.3
- 0 .1
+ 0 .3
- 0 .1
14
0.3
+0.3
- 0 .1
- 0 .1
+ 0 .3
15.4
0.3
+ 0 .3
+ 0 .3
- 0 .1
- 0 .1
7.2 0.3
14
0.3
2x(0.3
)x(0.5
)
+0.3
- 0 .1
+ 0 .3
-0 .1
3x(1.2
)x(0.3
)
+ 0 .3
-0 .1
+ 0 .3
- 0 .1
14 0.3
+ 0 .3
- 0 .1
- 0 .1
+ 0 .3
15.4
0.3
+ 0 .3
+ 0 .3
- 0 .1
- 0 .1
7.2 0.3
14 0.3
+ 0 .3
- 0 .1
+ 0 .3
- 0 .1
+ 0 .3
- 0 .1
+ 0 .3
- 0 .1
14
0.3
+0.3
- 0 .1
- 0 .1
+ 0 .3
15.4
0.3
+ 0 .3
+ 0 .3
- 0 .1
- 0 .1
14 0.3
+ 0 .3
- 0 .1
+ 0 .3
- 0 .1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com