Electronic Components Datasheet Search
  English  ▼

X  

HFKA Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFKA
Description  AUTOMOTIVE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKA Datasheet(HTML) 1 Page - Hongfa Technology

  HFKA Datasheet HTML 1Page - Hongfa Technology HFKA Datasheet HTML 2Page - Hongfa Technology HFKA Datasheet HTML 3Page - Hongfa Technology HFKA Datasheet HTML 4Page - Hongfa Technology HFKA Datasheet HTML 5Page - Hongfa Technology HFKA Datasheet HTML 6Page - Hongfa Technology HFKA Datasheet HTML 7Page - Hongfa Technology HFKA Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
× 10
5
25
25
0.5
9.5
---
---
---
---
---
---
---
---
Make
1)
Stable
Break
Make
1)
Transient
Break
25
10
25
27
17
8
1
× 10
5
4
1
× 10
5
1.8
0.2
2.3
0.5
0.02
0.03
0.15
29
Typ.: 1.2ms
Max.: 10ms
HFKA: -40
to 85
HFKA-T: -40
to 125
10Hz to 500Hz 49m/s
2
98m/s
2
PCB
7)
Plastic sealed
Flux proofed
Single relay: Approx. 4g
Twin relay: Approx. 8g
Dielectric strength
4)
1Z, 2Z
Contact arrangement
Max. continuous current
2)
Max. switching current
Max. switching voltage
3)
Min. contact load
Electrical endurance
Mechanical endurance
Initial insulation resistance
1Z (Single), 2Z (Twin)
1H (Single), 2H (Twin)
Typ.: 50mV (at 10A)
Typ.: 250mV (at 10A)
33.8A 10min/25A long-term (@23 )
31A 10min (@ 85
)
HFKA-T:29A 10min (@ 125
)
30A
16VDC
1A 6VDC
See "CONTACT DATA"
1 x 10
7
OPS
(300OPS/min)
100M
(at 500VDC)
between contacts: 500VAC
between coil & contacts: 500VAC
Typ.: 2.5ms (at nomi. vol.)
Max.: 10ms (at nomi. vol.)
Release time
5)
Features
Typical Applications
Operate time
Load
voltage
On/Off ratio
On
s
Off
s
Contact
material
Load wiring
diagram
Load current A
Electrical
endurance
OPS
Motor
Make
1)
Break
HONGFA RELAY
ISO9001, ISO/TS16949 , ISO14001, OHSAS18001, IECQ QC 080000 CERTIFIED
2018 Rev. 1.00
Construction
Load type
2)
2) Test under the following conditions:
a. The relay is mounted on the PCB, the coil is applied with 100% rated
voltage;
b. The PCB board is a double layer board. The thickness of the copper
foil is 4 oz (140
µm),the width of each copper foil is 3.76×(1±5%)mm,
the length of the copper foil is 50 mm
±1 mm, and the Tg value of
the PCB board is 150
°C.
c. Not suitable for double relay adding load simultaneously.
3) See "Load limit curve" for details.
4) 1min, leakage current less than 1mA.
5) The value is measured when voltage drops suddenly from nominal
voltage to 0 VDC and coil is not paralleled with suppression circuit.
6) When non-energized,close time of NO contacts shall not exceed 10
µs,
When energized, opening time of closed NO contacts shall not exceed
10
µs.
7) Since it is an environmental friendly product, please select lead-free
solder when welding. The recommended soldering temperature and
time is (260 3)
, (5 0.3)s.
1)Initial value,Equivalent to the max. initial contact resistance is 100m
(at 1A 6VDC).
H F K A / H F K A -T
25A motor locked load
Extremely small relay
Change-over contact version
Single and twin version available
Coil wire insulation class H (180
)
HFKA-T (reflow soldering version) available
RoHS & ELV compliant
AUTOMOTIVE RELAY
●
●
●
●
●
●
●
CONTACT DATA
3)
CHARACTERISTICS
at 23
Central door lock, Power doors and windows,
Indicator lamp control, Seat adjustment, Sunroof motor control,
Mirror adjustment, Wiper control
AgSnO2
RL-1
RL-2
N.O.
N.C.
N.O.
N.C.
M
13.5VDC
Simulate
window
operation
Simulate
motor
free
operation
AgSnO2
AgSnO2
Single
Twin
Unit weight
NO
NC
Vibration resistance
6)
Shock resistance
6)
Termination
Voltage drop (initial)
1)
Ambient temperature


Similar Part No. - HFKA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFKA ETC2-HFKA Datasheet
87Kb / 5P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFKA-T/012-1ZSPTC HONGFA-HFKA-T/012-1ZSPTC Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFKA-T/012-2ZSPTC HONGFA-HFKA-T/012-2ZSPTC Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFKA/012-1ZSPTC HONGFA-HFKA/012-1ZSPTC Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
More results

Similar Description - HFKA

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com